Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 180 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 176Page - STMicroelectronics PM0214 Datasheet HTML 177Page - STMicroelectronics PM0214 Datasheet HTML 178Page - STMicroelectronics PM0214 Datasheet HTML 179Page - STMicroelectronics PM0214 Datasheet HTML 180Page - STMicroelectronics PM0214 Datasheet HTML 181Page - STMicroelectronics PM0214 Datasheet HTML 182Page - STMicroelectronics PM0214 Datasheet HTML 183Page - STMicroelectronics PM0214 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 245 page
background image
Core peripherals
PM0214
180/245
DocID022708 Rev 4
4.2.1
MPU access permission attributes
This section describes the MPU access permission attributes. The access permission bits,
TEX, C, B, S, AP, and XN, of the MPU_RASR register, control access to the corresponding
memory region. If an access is made to an area of memory without the required
permissions, then the MPU generates a permission fault.
Table 39 shows the encodings for the TEX, C, B, and S access permission bits.
Table 40 shows the cache policy for memory attribute encodings with a TEX value is in the
range 4-7.
Table 39. TEX, C, B, and S encoding
TEX
C
B
S
Memory type
Shareability
Other attributes
b000
0
0x (1)
1. THe MPU ignores the value fo this bit.
Strongly-ordered
Shareable
-
1
x(1) Device
Shareable
-
1
0
0
Normal
Not shareable Outer and inner write-through. No
write allocate.
1
Shareable
1
0
Normal
Not shareable Outer and inner write-back. No write
allocate.
1
Shareable
b001
0
00
Normal
Not shareable
Outer and inner noncacheable.
1
Shareable
1
x(1) Reserved encoding
-
1
0
x(1) Implementation defined attributes.
-
1
0
Normal
Not shareable Outer and inner write-back. Write
and read allocate.
1
Shareable
b010
0
0
x(1) Device
Not shareable Nonshared Device.
1
x(1) Reserved encoding
-
1x(1)
x(1) Reserved encoding
-
b1BB
A
A
0
Normal
Not shareable Cached memory(2) , BB = outer
policy, AA = inner policy.
2. See Table 40 for the encoding of the AA and BB bits.
1
Shareable
Table 40. Cache policy for memory attribute encoding
Encoding, AA or BB
Corresponding cache policy
00
Non-cacheable
01
Write back, write and read allocate
10
Write through, no write allocate
11
Write back, no write allocate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com