Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 181 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 177Page - STMicroelectronics PM0214 Datasheet HTML 178Page - STMicroelectronics PM0214 Datasheet HTML 179Page - STMicroelectronics PM0214 Datasheet HTML 180Page - STMicroelectronics PM0214 Datasheet HTML 181Page - STMicroelectronics PM0214 Datasheet HTML 182Page - STMicroelectronics PM0214 Datasheet HTML 183Page - STMicroelectronics PM0214 Datasheet HTML 184Page - STMicroelectronics PM0214 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 245 page
background image
DocID022708 Rev 4
181/245
PM0214
Core peripherals
244
Table 41 shows the AP encodings that define the access permissions for privileged and
unprivileged software.
4.2.2
MPU mismatch
When an access violates the MPU permissions, the processor generates a memory
management fault, see Section 2.1.4: Exceptions and interrupts on page 25. The MMFSR
indicates the cause of the fault. See Section 4.4.15: Memory management fault address
register (MMFAR) on page 226 for more information.
4.2.3
Updating an MPU region
To update the attributes for an MPU region, update the MPU_RNR, MPU_RBAR and
MPU_RASR registers. You can program each register separately, or use a multiple-word
write to program all of these registers. You can use the MPU_RBAR and MPU_RASR
aliases to program up to four regions simultaneously using an STM instruction.
Updating an MPU region using separate words
Simple code to configure one region:
; R1 = region number
; R2 = size/enable
; R3 = attributes
; R4 = address
LDR R0,=MPU_RNR
; 0xE000ED98, MPU region number register
STR R1, [R0, #0x0]
; Region Number
STR R4, [R0, #0x4]
; Region Base Address
STRH R2, [R0, #0x8]
; Region Size and Enable
STRH R3, [R0, #0xA]
; Region Attribute
Disable a region before writing new region settings to the MPU if you have previously
enabled the region being changed. For example:
; R1 = region number
Table 41. AP encoding
AP[2:0]
Privileged
permissions
Unprivileged
permissions
Description
000
No access
No access
All accesses generate a permission fault
001
RW
No access
Access from privileged software only
010
RW
RO
Writes by unprivileged software generate
a permission fault
011
RW
RW
Full access
100
Unpredictable
Unpredictable
Reserved
101
RO
No access
Reads by privileged software only
110
RO
RO
Read only, by privileged or unprivileged
software
111
RO
RO
Read only, by privileged or unprivileged
software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com