Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 185 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 181Page - STMicroelectronics PM0214 Datasheet HTML 182Page - STMicroelectronics PM0214 Datasheet HTML 183Page - STMicroelectronics PM0214 Datasheet HTML 184Page - STMicroelectronics PM0214 Datasheet HTML 185Page - STMicroelectronics PM0214 Datasheet HTML 186Page - STMicroelectronics PM0214 Datasheet HTML 187Page - STMicroelectronics PM0214 Datasheet HTML 188Page - STMicroelectronics PM0214 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 245 page
background image
DocID022708 Rev 4
185/245
PM0214
Core peripherals
244
4.2.5
MPU type register (MPU_TYPER)
Address offset: 0x00
Reset value: 0x0000 0800
Required privilege: Privileged
The MPU_TYPER register indicates whether the MPU is present, and if so, how many
regions it supports.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
IREGION[7:0]
rr
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
DREGION[7:0]
Reserved
SEPA
RATE
r
rrrr
r
r
r
Bits 31:24
Reserved.
Bits 23:16
IREGION[7:0]: Number of MPU instruction regions.
These bits indicates the number of supported MPU instruction regions.
Always contains 0x00. The MPU memory map is unified and is described by the DREGION
field.
Bits 15:8
DREGION[7:0]: Number of MPU data regions.
These bits indicates the number of supported MPU data regions.
0x08: Eight MPU regions
0x00: MPU not present
Bits 7:1
Reserved.
Bit 0
SEPARATE: Separate flag.
This bit indicates support for unified or separate instruction and data memory maps:
0 = Unified
1 = Separate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com