Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 188 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 184Page - STMicroelectronics PM0214 Datasheet HTML 185Page - STMicroelectronics PM0214 Datasheet HTML 186Page - STMicroelectronics PM0214 Datasheet HTML 187Page - STMicroelectronics PM0214 Datasheet HTML 188Page - STMicroelectronics PM0214 Datasheet HTML 189Page - STMicroelectronics PM0214 Datasheet HTML 190Page - STMicroelectronics PM0214 Datasheet HTML 191Page - STMicroelectronics PM0214 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 245 page
background image
Core peripherals
PM0214
188/245
DocID022708 Rev 4
4.2.8
MPU region base address register (MPU_RBAR)
Address offset: 0x0C
Reset value: 0x0000 0000
Required privilege: Privileged
The MPU_RBAR register defines the base address of the MPU region selected by the
MPU_RNR register, and can update the value of the MPU_RNR register.
Write to the MPU_RBAR register with the VALID bit set to 1 to change the current region
number and update the MPU_RNR register.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
ADDR[31:N]...
15
14
13
12
11
10
9
8
76
54
3
21
0
....ADDR[31:N]
VALID
REGION[3:0]
rw
rw
rw
rw
rw
Bits 31:N
ADDR[31:N]: Region base address field
The value of N depends on the region size.
The region size, as specified by the SIZE field in the MPU_RASR, defines the value of N:
N = Log2(Region size in bytes),
If the region size is configured to 4 GB, in the MPU_RASR register, there is no valid ADDR
field. In this case, the region occupies the complete memory map, and the base address is
0x00000000.
The base address is aligned to the size of the region. For example, a 64 KB region must be
aligned on a multiple of 64 KB, for example, at 0x00010000 or 0x00020000.
Bits N-1:5
Reserved, forced by hardware to 0.
Bit 4
VALID: MPU region number valid
Write:
0: MPU_RNR register not changed, and the processor:
–Updates the base address for the region specified in the MPU_RNR
–
Ignores the value of the REGION field
1: the processor:
–
updates the value of the MPU_RNR to the value of the REGION field
–
updates the base address for the region specified in the REGION field.
Read:
Always read as zero.
Bits 3:0
REGION[3:0]: MPU region field
For the behavior on writes, see the description of the VALID field.
On reads, returns the current region number, as specified by the MPU_RNR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com