Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 189 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 185Page - STMicroelectronics PM0214 Datasheet HTML 186Page - STMicroelectronics PM0214 Datasheet HTML 187Page - STMicroelectronics PM0214 Datasheet HTML 188Page - STMicroelectronics PM0214 Datasheet HTML 189Page - STMicroelectronics PM0214 Datasheet HTML 190Page - STMicroelectronics PM0214 Datasheet HTML 191Page - STMicroelectronics PM0214 Datasheet HTML 192Page - STMicroelectronics PM0214 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 245 page
background image
DocID022708 Rev 4
189/245
PM0214
Core peripherals
244
4.2.9
MPU region attribute and size register (MPU_RASR)
Address offset: 0x10
Reset value: 0x0000 0000
Required privilege: Privileged
The MPU_RASR register defines the region size and memory attributes of the MPU region
specified by the MPU_RNR, and enables that region and any subregions.
MPU_RASR is accessible using word or halfword accesses:
•
The most significant halfword holds the region attributes
•
The least significant halfword holds the region size and the region and subregion
enable bits.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
XN
AP[2:0]
Reserved
TEX[2:0]
S
CB
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
SRD[7:0]
Reserved
SIZE
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:29
Reserved, forced by hardware to 0.
Bit 28
XN: Instruction access disable bit:
0: Instruction fetches enabled
1: Instruction fetches disabled.
Bit 27
Reserved, forced by hardware to 0.
Bits 26:24
AP[2:0]: Access permission
For information about access permission, see Section 4: Core peripherals
For a description of AP bits encoding refer to
Table 41 on page 181.
Bits 23:22
Reserved, forced by hardware to 0.
Bits 21:19
TEX[2:0]: memory attribute
For a description of TEX bits encoding refer to
Table 39 on page 180
Bit 18
S: Shareable memory attribute
For a description of S bits encoding refer to
Table 39 on page 180
Bit 17
C: memory attribute
Bit 16
B: memory attribute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com