Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 193 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 189Page - STMicroelectronics PM0214 Datasheet HTML 190Page - STMicroelectronics PM0214 Datasheet HTML 191Page - STMicroelectronics PM0214 Datasheet HTML 192Page - STMicroelectronics PM0214 Datasheet HTML 193Page - STMicroelectronics PM0214 Datasheet HTML 194Page - STMicroelectronics PM0214 Datasheet HTML 195Page - STMicroelectronics PM0214 Datasheet HTML 196Page - STMicroelectronics PM0214 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 245 page
background image
DocID022708 Rev 4
193/245
PM0214
Core peripherals
244
4.3
Nested vectored interrupt controller (NVIC)
This section describes the Nested Vectored Interrupt Controller (NVIC) and the registers it
uses. The NVIC supports:
•
Up to 81 interrupts (interrupt number depends on the STM32 device type; refer to the
datasheets)
•
A programmable priority level of 0-15 for each interrupt. A higher level corresponds to a
lower priority, so level 0 is the highest interrupt priority
•
Level and pulse detection of interrupt signals
•
Dynamic reprioritization of interrupts
•
Grouping of priority values into group priority and subpriority fields
•
Interrupt tail-chaining
•
An external Non-maskable interrupt (NMI)
The processor automatically stacks its state on exception entry and unstacks this state on
exception exit, with no instruction overhead. This provides low latency exception handling.
The hardware implementation of the NVIC registers is:
Table 45. NVIC register summary
Address
Name
Type
Required
privilege
Reset value
Description
0xE000E100-
0xE000E10B
NVIC_ISER0-
NVIC_ISER2
RW
Privileged
0x00000000
Table 4.3.2: Interrupt set-enable registers
(NVIC_ISERx) on page 195
0XE000E180-
0xE000E18B
NVIC_ICER0-
NVIC_ICER2
RW
Privileged
0x00000000
Table 4.3.3: Interrupt clear-enable registers
(NVIC_ICERx) on page 196
0XE000E200-
0xE000E20B
NVIC_ISPR0-
NVIC_ISPR2
RW
Privileged
0x00000000
Table 4.3.4: Interrupt set-pending registers
(NVIC_ISPRx) on page 197
0XE000E280-
0xE000E29C
NVIC_ICPR0-
NVIC_ICPR2
RW
Privileged
0x00000000
Table 4.3.5: Interrupt clear-pending registers
(NVIC_ICPRx) on page 198
0xE000E300-
0xE000E31C
NVIC_IABR0-
NVIC_IABR2
RW
Privileged
0x00000000
Table 4.3.6: Interrupt active bit registers
(NVIC_IABRx) on page 199
0xE000E400-
0xE000E503
NVIC_IPR0-
NVIC_IPR20
RW
Privileged
0x00000000
Table 4.3.7: Interrupt priority registers
(NVIC_IPRx) on page 200
0xE000EF00
STIR
WO
Configurable 0x00000000
Table 4.3.8: Software trigger interrupt register
(NVIC_STIR) on page 201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com