Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 194 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 190Page - STMicroelectronics PM0214 Datasheet HTML 191Page - STMicroelectronics PM0214 Datasheet HTML 192Page - STMicroelectronics PM0214 Datasheet HTML 193Page - STMicroelectronics PM0214 Datasheet HTML 194Page - STMicroelectronics PM0214 Datasheet HTML 195Page - STMicroelectronics PM0214 Datasheet HTML 196Page - STMicroelectronics PM0214 Datasheet HTML 197Page - STMicroelectronics PM0214 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 245 page
background image
Core peripherals
PM0214
194/245
DocID022708 Rev 4
4.3.1
Accessing the Cortex-M4 NVIC registers using CMSIS
CMSIS functions enable software portability between different Cortex-M profile processors.
To access the NVIC registers when using CMSIS, use the following functions:
Table 46. CMSIS access NVIC functions
CMSIS function(1)
1. The input parameter IRQn is the IRQ number,
Description
void NVIC_EnableIRQ(IRQn_Type IRQn)
Enables an interrupt or exception.
void NVIC_DisableIRQ(IRQn_Type IRQn)
Disables an interrupt or exception.
void NVIC_SetPendingIRQ(IRQn_Type IRQn)
Sets the pending status of interrupt or
exception to 1.
void NVIC_ClearPendingIRQ(IRQn_Type IRQn)
Clears the pending status of interrupt or
exception to 0.
uint32_t NVIC_GetPendingIRQ(IRQn_Type IRQn)
Reads the pending status of interrupt or
exception. This function returns non-
zero value if the pending status is set to
1.
void NVIC_SetPriority(IRQn_Type IRQn, uint32_t priority)
Sets the priority of an interrupt or
exception with configurable priority level
to 1.
uint32_t NVIC_GetPriority(IRQn_Type IRQn)
Reads the priority of an interrupt or
exception with configurable priority
level. This function return the current
priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com