Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0574 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0574
Description  This user manual provides instructions for using
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0574 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0574 Datasheet HTML 5Page - STMicroelectronics UM0574 Datasheet HTML 6Page - STMicroelectronics UM0574 Datasheet HTML 7Page - STMicroelectronics UM0574 Datasheet HTML 8Page - STMicroelectronics UM0574 Datasheet HTML 9Page - STMicroelectronics UM0574 Datasheet HTML 10Page - STMicroelectronics UM0574 Datasheet HTML 11Page - STMicroelectronics UM0574 Datasheet HTML 12Page - STMicroelectronics UM0574 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
UM0574
Demonstration firmware functionality description
9/20
The firmware mode menu items:
●
Mode "A" - Color Tetris
●
Mode "B" - Wave color demonstration
●
Mode "C" - Solid color demonstration
●
Mode "D" - Error detection (DM)
●
Mode "E" - Error detection LE + OE (Feature may not be available for all firmware
releases).
3.1
Mode "A" - Color Tetris
Mode "A" is a simple game similar to Tetris. The game begins with a green “brick” moving
from the bottom to the top of the LED display. The X-axis position of the brick can be
controlled using the left and right buttons. Once the brick reaches the top of an LED area
occupied by another settled brick, it settles also and its color changes to blue. Once the
brick becomes blue, it cannot be moved. When a full row of blue bricks is completed, the row
disappears and the player is awarded points. The game ends when the blue bricks reach the
bottom of the LED area. When the game is over, the points obtained are shown. Pressing
the center button starts new game. The knob changes the light intensity of the LEDs.
3.2
Mode "B" - Wave color demonstration
Mode "B" demonstrates various color effects. The effect changes automatically after a few
cycles of a given effect. The effect can also be changed manually using the center button.
The knob changes the speed of the effect.
3.3
Mode "C" - Solid color demonstration
Mode "C" allows the display of a single color on all of the LEDs. Pressing of the right button
changes the colors in the following order: red, green, blue, yellow (red + green), cyan (green
+ blue), magenta (red + blue), white (red + green + blue) and black (all LEDs off). The left
button changes the colors in the reverse order. The knob changes the light intensity of the
LEDs.
3.4
Mode "D" - Error detection (DM)
Mode "D" performs and displays the detection of faulty LEDs. Every two seconds, an error
detection is performed by the LED drivers. If any defective LEDs are detected, they can be
identified by red light on the corresponding LED diode position. By opening P20, P21 and
P22, an open circuit can be created (LED defective by disconnection) to simulate a defect of
the D1-green, D2-green and D3-green LEDs, as shown in Figure 5. By closing P1, P2 and
P3, a short-circuit is created (LED defective by shorting) to simulate a defect of the D6-blue,
D9-blue and D12-blue LEDs. Entering the diagnostic mode is done using the DM signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com