Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0574 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0574
Description  This user manual provides instructions for using
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0574 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0574 Datasheet HTML 12Page - STMicroelectronics UM0574 Datasheet HTML 13Page - STMicroelectronics UM0574 Datasheet HTML 14Page - STMicroelectronics UM0574 Datasheet HTML 15Page - STMicroelectronics UM0574 Datasheet HTML 16Page - STMicroelectronics UM0574 Datasheet HTML 17Page - STMicroelectronics UM0574 Datasheet HTML 18Page - STMicroelectronics UM0574 Datasheet HTML 19Page - STMicroelectronics UM0574 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Bill of materials
UM0574
18/20
R1 - R4
2.2 k
Ω
0805
R5
1 k
Ω
0805
R6
1 k
Ω
0805
R7
750
Ω
0805
R8
1 k
Ω
0805
R9
1 k
Ω
0805
R10
750
Ω
0805
R15
330
Ω
Resistor
0805
R16
2.2 k
Ω
Resistor
0805
R17
10 k
Ω
Potentiometer
VR5
R18
5.6 k
Ω
Resistor
0805
R19
1.2 k
Ω
Resistor
0805
R20
10 K
Ω
0805
R22
10 K
Ω
0805
R23
10 K
Ω
0805
R25
100 K
Ω
0805
R30 - R45
27
Ω
0603LH
R46
100
Ω
Resistor
0805
R47
100
Ω
Resistor
0805
R48
100
Ω
Resistor
0805
S1
LEFT
Switch
Button_double
S2
CENTER
Switch
Button_double
S3
RIGHT
Switch
Button_double
S4
RESET/EXIT
Small switch
Button_DT2112C
U1
STP24DP05
LED driver 24-channel
U2
STP24DP05
LED driver 24-channel
U3
STM32F103Cx
Microcontroller Cortex
U4
ST1S10
ST1S10
DFN8cool4LH
U5
LF33xDT
Linear voltage stabilizer
SOT23-5L
U6
USB_ESD
USB signal over voltage protection
SOT666IP
Table 1.
Bill of materials (continued)
Designator
Comment
Description
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com