Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0574 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0574
Description  This user manual provides instructions for using
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0574 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0574 Datasheet HTML 12Page - STMicroelectronics UM0574 Datasheet HTML 13Page - STMicroelectronics UM0574 Datasheet HTML 14Page - STMicroelectronics UM0574 Datasheet HTML 15Page - STMicroelectronics UM0574 Datasheet HTML 16Page - STMicroelectronics UM0574 Datasheet HTML 17Page - STMicroelectronics UM0574 Datasheet HTML 18Page - STMicroelectronics UM0574 Datasheet HTML 19Page - STMicroelectronics UM0574 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
UM0574
Bill of materials
17/20
6
Bill of materials
Table 1.
Bill of materials
Designator
Comment
Description
Footprint
C1
4.7 µF (10 µF)
Ceramic capacitor 25 / 35 V
1812LH
C2
470 nF
Capacitor
0805
C3
100 nF
Capacitor
0805
C4
100 µF (47 µF) size D, 16 V Tantal capacitor - polarized
7343_LH
C5
4.7 nF
Capacitor
0805
C7
10 µF size A 16 V (10 V)
Tantal capacitor - polarized
3528_ABLH
C8
10 nF
Capacitor
0805
C9 -C17
100 nF
Capacitor
0805
CN1
GM: MLW20G
Header 10X2, JTAG, 10 pin, dual row
HDR2X10keyLH
CN5
GM: K375A
Input power, 4.4 V-36 V
DC10B
D1 - D16
RGBLED
LATB_T686
TOPLED
D17
BridgeLH
Full wave diode bridge
GMBridgeBig
D18
ST:SM6T33A
SMA
DDD1
ST_LOGO
ST LOGO
DDD2
ROH1
ROH1
DDD3
ROH2
ROH2
Hole1 - hole4
Distance hole
J1
440247-2
USB 2.0, right angle, SMT, B type, receptacle, 5
position, black
440247LH
L1
3.3 µH
Inductor
inductor332
LD1
Yellow
Typical yellow, orange GaAs LED
D0805LH
LD2
Yellow
Typical yellow, orange GaAs LED
D0805LH
LD3
Yellow
Typical yellow, orange GaAs LED
D0805LH
LD4
Yellow
Typical yellow, orange GaAs LED
D0805LH
LD5
Red
Typical red/amber GaAs LED
D0805LH
P1
Header 2
Header, 2-pin
HDR1X2
P2
Header 2
Header, 2-pin
HDR1X2
P3
Header 2
Header, 2-pin
HDR1X2
P4
Signal for serial
Header, 3-pin
HDR1X3
P5
Power for serial
Header, 2-pin
HDR1X2
P20
Header 2
Header, 2-pin
HDR1X2
P21
Header 2
Header, 2-pin
HDR1X2
P22
Header 2
Header, 2-pin
HDR1X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com