Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0574 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0574
Description  This user manual provides instructions for using
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0574 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0574 Datasheet HTML 1Page - STMicroelectronics UM0574 Datasheet HTML 2Page - STMicroelectronics UM0574 Datasheet HTML 3Page - STMicroelectronics UM0574 Datasheet HTML 4Page - STMicroelectronics UM0574 Datasheet HTML 5Page - STMicroelectronics UM0574 Datasheet HTML 6Page - STMicroelectronics UM0574 Datasheet HTML 7Page - STMicroelectronics UM0574 Datasheet HTML 8Page - STMicroelectronics UM0574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UM0574
STEVAL-ILL015V1 functional overview
5/20
1
STEVAL-ILL015V1 functional overview
STEVAL-ILL015V1 demonstration board features:
●
Two STP24DP05 (TQFP48) for connection of 16 RGB LEDs
●
16 RGB high-brightness LEDs
●
STM32 microcontroller using internal HS oscillator
●
High-efficiency switching DC-DC power supply using the ST1S010
●
DC power supply 7.5 - 18 V (undifferentiated polarity, over voltage protection)
●
DC input current 0.7 A max., standard supply connector
●
LED current regulation
●
Controlled by 3 buttons, a knob and a reset/back button
●
Available test point for each important signal
●
JTAG interface for microcontroller firmware change/update
●
Error and over temperature LEDs for each LED driver.
●
3 jumpers allowing disconnection of 3 LEDs from the driver for testing the error
detection mode
●
3 jumpers allowing shorting of 3 LEDs from the driver for testing the error detection
mode
●
Mini USB connector for PC interconnection
Figure 1.
STM32™ Cortex™
The board is distributed with firmware which enables standalone and non standalone
demonstration. Features include:
●
LED diagnostic
●
Adjustable brightness and color of each individual LED
●
Animated text
●
GUI (graphical user interface) software for LED diagnostics (see Figure 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com