Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1153 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology LTC1153_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1153
should be connected across the load, as shown in Figure
2, to safely divert the stored energy.
Capacitive Loads
Large capacitive loads, such as complex electrical sys-
tems with large bypass capacitors, should be powered
using the circuit shown in Figure 3. The gate drive to the
power MOSFET switch is passed through an RC delay
network, R1 and C1, which greatly reduces the turn on
ramp rate of the switch. And since the MOSFET source
voltage follows the gate voltage, the load is powered
smoothly and slowly from ground. This dramatically re-
duces the start-up current flowing into the supply capaci-
tor/s which, in turn, reduces supply transients and allows
for slower activation of sensitive electrical loads. (Diode,
D1, provides a direct path for the LTC1153 protection
circuitry to quickly discharge the gate).
S
APPLICATI
I FOR ATIO
Using the values shown in Figure 3, the start-up current is
less than 100mA and does not false-trip the breaker.
Lamp Loads
The inrush current created by a lamp during turn-on can be
10 to 20 times greater than the rated operating current.
The circuit shown in Figure 4 shifts the trip threshold up by
a factor of 11:1 (to 30A) for 100ms while the bulb is turned
on. The trip threshold then drops down to 2.7A after the
inrush current has subsided.
The RC network, RD and CD, in series with the drain sense
input should be set to trip based on the expected charac-
teristics of the load
after start-up. With this circuit, it is
possible to power a large capacitive load and still react
quickly (10
µs) to break the circuit if a short-circuit condi-
tion is encountered. The ramp rate at the output of the
switch as it lifts off ground is approximately:
dV/dt = (VGATE – VTH)/(R1 × C1)
And therefore the current flowing into the capacitor during
start-up is approximately:
ISTART-UP = CLOAD × dV/dt
BREAKER CURRENT (1 = SET CURRENT)
1
0.01
10
10
100
LTC1153 • F05
1
0.1
Figure 5. Trip Delay Time vs Breaker Current
Selecting RD and CD
Figure 5 is a graph of normalized breaker trip time versus
breaker current. This graph is used to select the two delay
components, RD and CD, which make up a simple RC delay
between the drain sense resistor and the drain sense input.
Figure 3. Powering Large Capacitive Loads
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.47
µF
+
470
µF
MTP3055E
15V
12V
0.036
Ω
LTC1153 • F03
CD
0.01
µF
RD
1OOk
R1
1OOk
R2
1OOk
D1
1N4148
C1
0.33
µF
+
CLOAD
100
µF
OUT
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.33
µF
+
470
µF
MTP3055EL
9.1V
12V
0.036
Ω
LTC1153 • F04
10k
1M
0.1
µF
VN2222LL
100k
12V/1A
BULB
Figure 4. Lamp Driver with Delayed Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com