Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1153 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology LTC1153_15 Datasheet HTML 13Page - Linear Technology LTC1153_15 Datasheet HTML 14Page - Linear Technology LTC1153_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1153
S
APPLICATI
I FOR ATIO
Five volt linear regulators with small output capacitors
are the most difficult to protect as they can “switch”
from a voltage mode to a current limited mode very
quickly. The large output capacitors on many switching
regulators, on the other hand, may be able to hold the
supply pin of the LTC1153 above 3.5V sufficiently long
that this extra filtering is not required.
TYPICAL APPLICATIO S
Over-Temperature Circuit Breaker
24V to 28V Over-Temperature Circuit Breaker
Over-Voltage Circuit Breaker
24V to 28V Over-Temperature Circuit Breaker
with Bootstrapped Supply
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
+
100
µF
MTD3055E
12V
LTC1153 • TA03
12V
LOAD
51k
*RL3006-50-100-25-PT0 KEYSTONE
30k
5V
*PTC
THERMISTOR
(100°C)
5V
Because the LTC1153 is micropower in both the standby
and ON state, the voltage drop across the supply filter
is less than 2mV, and does not significantly alter the
accuracy of the 100mV drain sense threshold voltage.
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.22
µF
+
10
µF
IRLD024
4.75V TO 5.25V
LTC1153 • TA05
5V
LOAD
51k
5V
100
Ω
SWITCH IS SHUTDOWN WHEN VS > 5.7V
5.6V
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
+
100
µF
MTP15N06E
24V TO 28V
LTC1153 • TA06
24V TO 28V
LOAD
5V
5V
30k
+
10
µF
18V
100k
*PTC
THERMISTOR
(100°C)
6.2k
1N4148
KEYSTONE RL2006-100-100-30-PT.
MOUNT ON MOSFET OR LOAD HEAT SINK.
BOOTSTRAPPING REDUCES IQ(OFF) TO 60µA, IQ(ON) = 1mA.
*
**
51k
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
+
100
µF
MTP12N06
24V TO 28V
LTC1153 • TA04
24V TO 28V
LOAD
51k
5V
5V
30k
*KEYSTONE RL2006-100-100-30-PT.
MOUNT ON MOSFET OR LOAD HEAT SINK.
+
10
µF
18V
3k
*PTC
THERMISTOR
(100°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com