Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1153 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology LTC1153_15 Datasheet HTML 13Page - Linear Technology LTC1153_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1153
S
APPLICATI
I FOR ATIO
The Y axis of the graph is normalized to one RC time
constant. The X axis is normalized to the set current. (The
set current is defined as the current required to develop
100mV across the drain sense resistor).
Note that the trip delay time is shorter for increasing levels
of MOSFET current. This ensures that the total energy
dissipated by the MOSFET is always within the bounds
established by the manufacturer for safe operation. (See
MOSFET data sheet for further S.O.A. information).
Using a Speed-Up Diode
Another way to reduce the trip delay time is to “bypass”
the delay resistor with a small signal diode as shown in
Figure 6. The diode will engage when the drop across the
drain sense resistor exceeds about 0.7V, providing a direct
path to the sense pin and dramatically reducing the trip
delay time. The drain sense resistor value is selected to
limit the maximum DC breaker current to 4A.
Figure 7. Reverse Battery Protection
Current Limited Power Supplies
The LTC1153 requires at least 3.5V at the supply pin to
ensure proper operation. It is therefore necessary that the
supply to the LTC1153 be held higher than 3.5V at all
times, even when the output of the switch is short circuited
to ground. The output voltage of a current limited regulator
may drop very quickly during short-circuit and pull the
supply pin of the LTC1153 below 3.5V before the shut-
down circuitry has had time to respond and remove drive
from the gate of the power MOSFET. A supply filter should
be added as shown in Figure 8 which holds the supply pin
of the LTC1153 high long enough for the over-current
shutdown circuitry to respond and fully discharge the
gate, i.e., break the circuit.
Reverse Battery Protection
The LTC1153 can be protected against reverse battery
conditions by connecting a resistor in series with the
ground lead as shown in Figure 7. The resistor limits the
supply current to less than 50mA with –12V applied. Since
the LTC1153 draws very little current while in normal
operation, the drop across the ground resistor is minimal.
the 5V
µP (or control logic) is protected by the 10k
resistors in series with the input and status pins.
Figure 8. Supply Filter for Current Limited Supplies
Figure 6. Using a Speed-Up Diode
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.1
Ω
IRLR024
SHORT
CIRCUIT
0.1
µF
100k
1
µF
LTC1153 • F08
*20
Ω
+
*47
µF
+
10
µF
1N4148
*SUPPLY FILTER COMPONENTS
+
100
µF
5V/2A
REGULATOR
>7V
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.22
µF
+
100
µF
IRF530
15V
12V
0.036
Ω
LTC1153 • F06
0.01
µF
1OOk
1N4148
LOAD
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.47
µF
MTP12N06
15V
12V
0.05
Ω
LTC1153 • F07
LOAD
10k
300
Ω
5V
µP OR
CONTROL
LOGIC
+
10
µF
10k
10k
120k
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com