Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1153 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology LTC1153_15 Datasheet HTML 13Page - Linear Technology LTC1153_15 Datasheet HTML 14Page - Linear Technology LTC1153_15 Datasheet HTML 15Page - Linear Technology LTC1153_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1153
S
APPLICATI
TYPICAL
Auto-Reset Circuit Breaker with Programmable (1-6) Number of
Retries Using Binary Counter
DC Motor Driver with Stall-Current Circuit Breaking (Auto-Reset),
Thermal Overload Shutdown and 10
µA Standby Current
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
Z5U
5V TO 18 V
LTC1153 • TA14
ON/OFF
1N4148
100k
100k
0.22
µF
+
100
µF
0.1
Ω
+
IRF530
OUTPUT
47
µF
12V
ABCDGND
LOAD
VCC
UP
CARRY
QD
15 1 10 9
8
14
INPUTS*
*SET WITH 3-BIT BINARY WORD = 7 – N
100k
5
12
FAULT
7
416
11
5V
74C193
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.33
µF
LTC1153 • TA15
0.02
Ω
IRFZ34
+
470
µF
10k
51k
240
Ω
2N2907
5V
MOTOR
FAULT
LED
ON/OFF
0.1
µF
100k
12V
12V
120k
*PTC
THERMISTOR
(100°C)
M
1N5400
*RL3006-50-100-25-PTO KEYSTONE
MOUNT ON MOTOR CHASIS OR MOSFET HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com