Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4103 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics AN4103 Datasheet HTML 10Page - STMicroelectronics AN4103 Datasheet HTML 11Page - STMicroelectronics AN4103 Datasheet HTML 12Page - STMicroelectronics AN4103 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN4103
Transmitter parameters
Doc ID 023130 Rev 1
9/20
Figure 7.
Spectral mask measurement, 12.5 kHz narrowband channel spacing,
4.8 kbps data rate, 1.2 kHz frequency deviation
2.3
Unwanted emissions in the spurious domain
Spurious emissions are unwanted emissions in the spurious domain at frequencies other
than those of the desired carrier frequency and its sidebands associated with normal test
modulation.
A spectrum analyzer is used as an external receiver. The measurement is performed setting
SPIRIT1 without modulation and observing until 4 GHz as described in the ETSI [2]
subclause 7.8.
The measurement is split between two figures, showing the frequency ranges above and
below 1 GHz. In Figure 8 the unwanted spurious emission for frequencies below 1 GHz is
shown. This measurement is performed by setting the instrument with a resolution
bandwidth of 100 kHz, as requested in ETSI [2]. In Figure 9 the unwanted spurious emission
for frequencies from 1 GHz to 4 GHz is shown. This measurement is performed by setting
the instrument with a resolution bandwidth of 1 MHz, as requested in ETSI [2]. In the two
figures the mask request from ETSI is also shown. Also, for the narrowband equipment, the
unwanted emission in the spurious domain test has to be done at all frequencies except the
channel on which the transmitter is intended to operate and its adjacent and alternate
channels. A zoom of the zone near the carrier is taken in Figure 10, Figure 11 and Figure 12
just to show that the ETSI specification is also met near the carrier.
The unwanted emissions in the spurious domain of SPIRIT1 comply with ETSI [2] subclause
7.8.
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1.6790E+08
1.6840E+08
1.6890E+08
1.6940E+08
1.6990E+08
1.7040E+08
1.7090E+08
Frequency [Hz]
- 36 dBm
- 36 dBm
- 30 dBm
AM16350v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com