Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4103 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 10Page - STMicroelectronics AN4103 Datasheet HTML 11Page - STMicroelectronics AN4103 Datasheet HTML 12Page - STMicroelectronics AN4103 Datasheet HTML 13Page - STMicroelectronics AN4103 Datasheet HTML 14Page - STMicroelectronics AN4103 Datasheet HTML 15Page - STMicroelectronics AN4103 Datasheet HTML 16Page - STMicroelectronics AN4103 Datasheet HTML 17Page - STMicroelectronics AN4103 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Receiver parameters
AN4103
14/20
Doc ID 023130 Rev 1
Figure 13.
Sensitivity vs. data rate with 1 % BER
3.2
Blocking
Blocking is a measure of the capability of the receiver to receive a desired modulated signal
without exceeding a given degradation due to the presence of an unwanted input signal at
any frequency other than those of the spurious responses or the adjacent channels or
bands.
All the blocking results are measured by positioning the input power 3 dB above the
measured sensitivity limit given in the previous paragraph with a primary signal source
generator. A second generator with an unmodulated signal is used as the interferer,
combined with the primary signal using a power combiner. The second interferer generator
is placed at the desired frequency offset and the power is increased until the BER
degradation of 1% is obtained.
ETSI specifies the blocking limits in absolute value at two points: ± 2 MHz and ±10 MHz.
The limit for class 2 receiver at ±2 MHz is 36 dB, and at ±10 MHz it is 61 dB.
SPIRIT1 is fully compliant with the ETSI class 2 receiver blocking requirements by a large
margin.
In the ETSI EN300 220 [2] standard the adjacent channel selectivity is defined as well as the
measure of the capability of the receiver to operate satisfactorily in the presence of an
unwanted signal, which differs in frequency from the desired signal by an amount equal to
the adjacent channel separation for which the equipment is intended. This parameter has to
be evaluated only for devices that comply with the ETSI class 1 which is not the case for
SPIRIT1.
-125
-120
-115
-110
-105
-100
-95
110
100
Data Rate [kbps]
AM16356v1
SMPS EXT
SMPS INT
ETSI Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com