Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4103 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4103 Datasheet HTML 1Page - STMicroelectronics AN4103 Datasheet HTML 2Page - STMicroelectronics AN4103 Datasheet HTML 3Page - STMicroelectronics AN4103 Datasheet HTML 4Page - STMicroelectronics AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN4103
Application circuit
Doc ID 023130 Rev 1
5/20
Figure 3 shows the daughterboard schematic.
Figure 3.
Daughterboard schematic
C10
C_10P_0402_C0G_J_50
C6
C_TBD_0402_C0G
L1
L_TBD_0402
C12
C_100n_0402_X7R
C22
C_330p_0402_C0G
U1
SPIRIT1_2
GPIO_0
1
SDO
2
SDI
3
SCLK
4
CSn
5
REXT
11
TX
12
SMPS2
13
SMPS1
14
SDn
15
L7
L_10U_0805
L4
L_TBD_0402
J6
HEADER 5X2
C1
C_TBD_0402_C0G
C2
C_TBD_0402_C0G
R6
R_0R0_0402
L2
L_TBD_0402
L6
L_TBD_0402
R12
R_TBD_0402
L8
L_TBD_0402
C13
C_TBD_0402_X7R
R7
R_0R0_0402
C20
C_1U_0603_X7R_K_6V3
C4
C_TBD_0402_C0G
C3
C_TBD_0402_C0G
R9
R_0R0_0402
R10
R_0R0_0402
Y1
XTAL
C9
C_12P_0402_C0G_J_50
C14
C_TBD_0402_C0G
C8
C_TBD_0402_C0G
C15
C_TBD_0402_C0G
C19
C_TBD_0402_C0G
C0
C_100n_0402_X7R
L3 L_TBD_0402
C5
C_TBD_0402_C0G
R8
R_0R0_0402
R13
R_TBD_0402
C11
C_1U_0603_X7R_K_6V3
R11
R_0R0_0402
J7
HEADER 5X2
C21
C_100p_0402_C0G
L9
L_TBD_0402
C7
C_TBD_0402_C0G
L0
L_TBD_0402_50M
L5
L_TBD_0402
J1
RF_IN/OUT
SDn
GPIO0
GPIO1
GPIO2
GPIO3
SCLK
SDO
SDI
CSn
DUMMY3
DUMMY3
VCC_RF
3V3
3V3
SPIRIT_DUMMY2
SPIRIT_DUMMY1
NX3225GA-xxMHz (XTAL)
B0=169MHz
B1=315MHz
B2=433MHz
B3=868MHz
Mount
resistor
relative to
used band
B3=915MHz
B3=920MHz
AM16928V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com