Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4103 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 9Page - STMicroelectronics AN4103 Datasheet HTML 10Page - STMicroelectronics AN4103 Datasheet HTML 11Page - STMicroelectronics AN4103 Datasheet HTML 12Page - STMicroelectronics AN4103 Datasheet HTML 13Page - STMicroelectronics AN4103 Datasheet HTML 14Page - STMicroelectronics AN4103 Datasheet HTML 15Page - STMicroelectronics AN4103 Datasheet HTML 16Page - STMicroelectronics AN4103 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN4103
Receiver parameters
Doc ID 023130 Rev 1
13/20
3
Receiver parameters
All the measurements given in the following sections have been measured under these
conditions: Tc = 25 °C, VDD = 3.0 V, f = 169.400 MHz.
The product family of short-range radio devices is divided into three receiver categories,
each having a set of relevant receiver requirements and minimum performance criteria. The
set of receiver requirements depends on the choice of the receiver category by the
equipment provider. SPIRIT1 is a transceiver meeting the requirements of receiver category
2. This category is defined as medium reliable SRD communication media that can cause
inconvenience to persons, which cannot simply be overcome by other means.
The main parameters that have to be measured for the category 2 devices are the
sensitivity, the blocking and the receiver spurious radiation. The adjacent channel selectivity,
receiver saturation at adjacent channel and spurious response rejection measurements fall
within the receiver category 1, so SPIRIT1 does not have to meet these requirements.
3.1
Receiver sensitivity
The receiver sensitivity is the minimum level of the signal at the receiver input, produced by
a carrier at the nominal frequency of the receiver, modulated with the normal test signal
modulation, which produces the performance of a bit error rate (BER) of 10-2 without
correction.
Under normal test conditions, the value of the maximum usable sensitivity for 25 kHz
channel spacing equipment with a 16 kHz bandwidth shall not exceed -107 dBm. If the RX
bandwidth is not 16 kHz, the sensitivity limit is modified according to the following formula:
Equation 1
The measurement is performed using an RF signal source generator centered at the same
receiver frequency as the desired modulation signal. The demodulated data and clock are
taken from the SPIRIT1 receiver and sent to the same generator to do the BER
measurement. The generator signal level is reduced until a BER of 1% is obtained.
To reduce the power consumption an internal SMPS is integrated in SPIRIT1. Figure 13
demonstrates the ETSI 1% BER sensitivity limit (red line) and the SPIRIT1 sensitivity for
different data rates with internal and external SMPS. This application note outlines the
expected performance when using SPIRIT1 under EN 300 220-1 (v2.3.1, 2012-02) [2] in the
169.400 - 169.475 MHz band, with the maximum channel spacing
50 kHz. Just to show
the real performance of the SPIRIT1 transceiver, a data rate great than 50 kbps is shown.
The SPIRIT1 is fully compliant with the ETSI class 2 receiver sensitivity requirements by a
large margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com