Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4126 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 9Page - STMicroelectronics AN4126 Datasheet HTML 10Page - STMicroelectronics AN4126 Datasheet HTML 11Page - STMicroelectronics AN4126 Datasheet HTML 12Page - STMicroelectronics AN4126 Datasheet HTML 13Page - STMicroelectronics AN4126 Datasheet HTML 14Page - STMicroelectronics AN4126 Datasheet HTML 15Page - STMicroelectronics AN4126 Datasheet HTML 16Page - STMicroelectronics AN4126 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
13/28
Figure 6.
Full band hopping channels measurement
3.1.4
Frequency hopping systems peak output power
To measure the peak output power, center the spectrum analyzer on a hopping channel and
put the SPIRIT1 into modulated mode. Set the span about 5 times the 20 dB bandwidth
measured, the RBW greater than the 20 dB bandwidth and the VBW equal or greater than
the RBW. The maximum permitted output power is 30 dBm (1 W) for the 50 hopping
channels and 24 dBm (0.25 W) for the 25 hopping channels.
To perform this measurement on the SPIRIT1, the cases with 2-FSK modulation, 250 kbps
data rate and 127 kHz frequency deviation are chosen. The span is set to 2 MHz (4 times
the 20 dB measured bandwidth), the RBW is set to 1 MHz (greater than the 20 dB
bandwidth), and the VBW equal to the RBW. The measured SPIRIT1 output power is 10
dBm. This output power is lower than the maximum permitted output power. An external PA
must be used to reach the maximum output power.
AM13149v1
-60
-50
-40
-30
-20
-10
0
10
20
9.00E+08
9.05E+08
9.10E+08
9.15E+08
9.20E+08
9.25E+08
9.30E+08
Frequency [Hz]
500 kHz hopping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com