Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4126 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics AN4126 Datasheet HTML 25Page - STMicroelectronics AN4126 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Transmitter parameter
AN4126
22/28
Doc ID 023299 Rev 1
3.2.5
Spurious RF conducted emission
According to FCC part 15.247, all the other emissions outside these bands must not exceed
the general radiated emission limits specified in part 15.209. According to part 15.33, for an
intentional radiator operating below 10 GHz, the frequency range of measurements must be
until the tenth harmonic of the highest fundamental or to 40 GHz, whichever is lower. The
SPIRIT1’s highest fundamental frequency is 928 MHz, so the tenth harmonic is 9.28 GHz
which is the frequency range of measurement. In
Figure 17 and 18 the spurious conducted
emissions and the FCC emission mask are shown. The carrier is modulated with a 2-FSK
modulation with a data rate of 500 kbps and a frequency deviation of 250 kHz. The SPIRIT1
fully complies with the conducted spurious emission requirements.
Figure 17.
Spurious conducted emission below 1 GHz measurement
AM13161v1
-70
-60
-50
-40
-30
-20
-10
0
10
20
1.000E+07
1.100E+08
2.100E+083.100E+08
4.100E+08
5.100E+08
6.100E+08
7.100E+088.100E+08
9.100E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com