Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4126 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 17Page - STMicroelectronics AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics AN4126 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
21/28
Figure 15.
902 MHz band edge conducted emission measurement
Figure 16.
928 MHz band edge conducted emission measurement
AM13159v1
-60
-50
-40
-30
-20
-10
0
10
20
8.995E+08
9.000E+08
9.005E+08
9.010E+08
9.015E+08
9.020E+08
9.025E+08
9.030E+08
9.035E+08
9.040E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz
20 dB
902 MHz band edge
AM13160v1
-60
-50
-40
-30
-20
-10
0
10
20
9.255E+08
9.260E+08
9.265E+08
9.270E+08
9.275E+08
9.280E+08
9.285E+08
9.290E+08
9.295E+08
9.300E+08
9.305E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz
20 dB
928 MHz band edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com