Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4126 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics AN4126 Datasheet HTML 25Page - STMicroelectronics AN4126 Datasheet HTML 26Page - STMicroelectronics AN4126 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
23/28
Figure 18.
Spurious conducted emission above 1 GHz measurement
3.3
Part 15.249 measurements
3.3.1
Peak output power
There are no particular requirements regarding the maximum permitted peak output power.
The max. output power must be about -1 dBm and no restrictions are defined for the
modulation scheme or the end application.
To perform this measurement on the SPIRIT1, the cases with 2-FSK modulation, 500 kbps
data rate and 250 kHz frequency deviation are chosen. The span is set to 2 MHz, the RBW
is set to 1 MHz, and the VBW equal to the RBW. The measured SPIRIT1 output power is -1
dBm. This output power is the maximum permitted output power in accordance with FCC
part 15.249 requirements.
AM13162v1
-70
-60
-50
-40
-30
-20
-10
0
1.000E+09
2.000E+09
3.000E+09
4.000E+09
5.000E+09
6.000E+09
7.000E+09
8.000E+09
9.000E+09
1.000E+10
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com