Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4141 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 16Page - STMicroelectronics AN4141 Datasheet HTML 17Page - STMicroelectronics AN4141 Datasheet HTML 18Page - STMicroelectronics AN4141 Datasheet HTML 19Page - STMicroelectronics AN4141 Datasheet HTML 20Page - STMicroelectronics AN4141 Datasheet HTML 21Page - STMicroelectronics AN4141 Datasheet HTML 22Page - STMicroelectronics AN4141 Datasheet HTML 23Page - STMicroelectronics AN4141 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
HAL to StdPeriph_Lib list of changes
AN4141
20/42
DocID023425 Rev 2
Note:
In the SimpleMAC firmware package Rev 2.0.1 and in the RF4CE firmware package
Rev 2.0.1, only the last board revision with STM32W108CC product is supported by the
project template and the user should customize this project according to his board.
When removing file reg.h, all the hal drivers are updated to use the new resources in the
resources defined in files stm32w108xx.h and core_cm3.h. For more details, refer to
Section 3.3: HAL peripheral driver update.
3.1.3
Library user and toolchain specific files
The IAR starter file cstartup_M.s available in the HAL has been updated by the IAR startup
template file startup_stm32w108xx.s. ST provides this file in the CMSIS library.
In the IAR startup file startup_stm32w108xx.s, a new [Weak] directive defined by the CMSIS
is available. The user must add manually peripheral ISR into files stm32w108xx_it.h and
stm32w108xx_it.c.
The IAR linker file iar-cfg.icf is to be changed/renamed “stm32w108xx_flash.icf”. This file is
provided in each EWARM project folder to be customized according to the user application.
Files stm32w108xx_it.c/.h define the Cortex-M3 exceptions and the STM32W IRQ handler
routines. They are defined by the user application: in these files, some STM32W
IRQ/Cortex-M3 exceptions defined by the Hardware Abstraction Layer
(STM32W108xx_HAL_Driver) and by the SimpleMAC library should be not modified:
•
The STM32W IRQ handler routines:
–
MNG_IRQHandler(): hal Management ISR
–
SLPTIM_IRQHandler(): hal Sleep timer ISR
–
SC1_IRQHandler(): hal serial control 1 ISR
–
MAC_TIM_IRQHandler(): SimpleMAC timer ISR
–
MAC_TR_IRQHandler(): SimpleMAC transmitter ISR
–
MAC_RE_IRQHandler(): SimpleMAC receiver ISR
–
ADC_IRQHandler(): hal ADC ISR
•
Cortex-M3 exception:
–
PendSV_Handler (): hal PendSV exception
–
SysTick_Handler (): hal SysTick exception
To use the assert param feature defined in the STM32W108xx StdPeriph drivers, the
library user should:
•
Enable the assert feature by uncommenting define USE_FULL_ASSERT in file
stm32w108xx_conf.h as follows:
/* Uncomment the line below to expanse the "assert_param" macro
in the
Standard Peripheral Library drivers code */
/* #define USE_FULL_ASSERT
1 */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com