Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4141 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 23Page - STMicroelectronics AN4141 Datasheet HTML 24Page - STMicroelectronics AN4141 Datasheet HTML 25Page - STMicroelectronics AN4141 Datasheet HTML 26Page - STMicroelectronics AN4141 Datasheet HTML 27Page - STMicroelectronics AN4141 Datasheet HTML 28Page - STMicroelectronics AN4141 Datasheet HTML 29Page - STMicroelectronics AN4141 Datasheet HTML 30Page - STMicroelectronics AN4141 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID023425 Rev 2
27/42
AN4141
HAL to StdPeriph_Lib list of changes
3.3.4
RST
In the standard library, this IP is presented byone function only, RST_GetFlagStatus() , to
check whether the specified RST flag is set or not. In the Hardware Abstraction Layer driver,
this check is done by access registers.
3.3.5
PWR
In addition to the low power API provided in the Hardware Abstraction Layer (file sleep.c),
some additional/basic APIs are provided by the STM32W108xx standard library drivers.
These APIs are summarized in the following table:
3.3.6
WDG
The STM32W108xx microcontroller integrates a watchdog timer which can be enabled to
provide protection against software crashes and ARM® Cortex-M3 CPU lockup.
The following table provides an overview of the HAL vs StdPeriph_Driver functions that
enable a standard use of the WDG features. The StdPeriph WDG API covers all the HAL
ones, so the WDG API is removed from the HAL. Refer to section XXXXX.
Table 11. STM32W108xx PWR driver overview
StdPeriph_Driver API
Functionality description
PWR_DeInit()
Deinitializes the PWR peripheral registers to their default reset
values
PWR_VREGStructInit()
Fills each VREG_InitStruct member with its default value
PWR_VREGInit()
Initializes the VREG peripheral according to the specified
parameters in the VREG_InitStruct
PWR_GPIOWakeUpPinCmd()
Enables or disables the GPIO WakeUp pin
PWR_WakeUpFilterConfig()
Enables or disables the WakeUp source filter
PWR_WakeUpSourceConfig()
Enables or disables the WakeUp method form low power mode
PWR_FreezestateLVoutput()
Enables or disables the freeze GPIO state LV output
PWR_DeepSleepMode0Cmd()
Enables or disables the deep sleep mode 0 when debugger is
attached
PWR_CoreWake()
Wake core form a deep sleep 0
PWR_InhibitCSYSPWRUPACK()
Disables the cortex-M3 system access to the ACK bit in the
CSYSPWRUPACKSR register
PWR_GetFlagStatus()
Checks whether the specified PWR flag is set or not
PWR_ClearFlag()
Clears the PWR pending flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com