| Electronic Components Datasheet Search |
|
AN4141 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 42 page ![]() DocID023425 Rev 2 29/42 AN4141 HAL to StdPeriph_Lib list of changes Table 14. STM32W108xx SPI driver overview StdPeriph_Driver API Functionality description SPI_DeInit() Deinitializes the SCx_SPI peripheral registers to their default reset values SPI_Init() Initializes the SCx_SPI peripheral according to the specified parameters in SPI_InitStruct SPI_StructInit() Fills each SPI_InitStruct member with its default value SPI_ReceiverModeConfig() Configures the Receiver driven mode for the selected SCx_SPI (Master mode only) SPI_LastByteRepeatCmd() Enables or disables the last byte repeat transmission feature for the specified SCx_SPI peripheral (Slave mode only) SPI_Cmd() Enables or disables the specified SCx_SPI peripheral SPI_ITConfig() Enables or disables the specified SCx_SPI interrupts SPI_TriggerEventConfig() Triggers event configuration to handle the specified SCx_SPI interrupt SPI_SendData() Transmits a data through the SCx_SPI peripheral SPI_ReceiveData() Returns the most recent received data by the SCx_SPI peripheral SPI_GetFlagStatus() Checks whether the specified SCx_SPI flag is set or not SPI_GetITStatus() Checks whether the specified SCx_SPI pending interrupt is set or not SPI_ClearITPendingBit() Clears the SCx_SPI interrupt pending bits Table 15. STM32W108xx I2C driver overview StdPeriph_Driver API Functionality description I2C_DeInit() Deinitializes the SCx_I2C peripheral registers to their default reset values I2C_Init() Initializes the SCx_I2C peripheral according to the specified parameters in I2C_InitStruct I2C_StructInit() Fills each I2C_InitStruct member with its default value I2C_Cmd() Enables or disables the specified SCx_I2C peripheral I2C_ITConfig() Enables or disables the specified SCx_I2C interrupts I2C_GenerateSTART() Generates SCx_I2C communication START condition I2C_GenerateSTOP() Generates SCx_I2C communication STOP condition I2C_AcknowledgeConfig() Generates SCx_I2C communication Acknowledge I2C_Send7bitAddress() Transmits the address byte to select the slave device I2C_SendData() Transmits a data through the SCx_I2C peripheral I2C_ReceiveData() Returns the most recent received data by the SCx_I2C peripheral I2C_GetFlagStatus() Checks whether the specified I2C flag is set or not I2C_GetITStatus() Checks whether the specified SCx_I2C pending interrupt is set or not I2C_ClearITPendingBit() Clears the SCx_I2C interrupt pending bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |