Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4141 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 21Page - STMicroelectronics AN4141 Datasheet HTML 22Page - STMicroelectronics AN4141 Datasheet HTML 23Page - STMicroelectronics AN4141 Datasheet HTML 24Page - STMicroelectronics AN4141 Datasheet HTML 25Page - STMicroelectronics AN4141 Datasheet HTML 26Page - STMicroelectronics AN4141 Datasheet HTML 27Page - STMicroelectronics AN4141 Datasheet HTML 28Page - STMicroelectronics AN4141 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID023425 Rev 2
25/42
AN4141
HAL to StdPeriph_Lib list of changes
3.3
HAL peripheral driver update
This section provides the compatibility guideline for the standard STM32W108xx IP drivers
between the HAL and the StdPeriph_Lib.
3.3.1
ADC
In addition to the high-level ADC API provided in the Hardware Abstraction Layer (HAL),
some additional/basic ADC APIs are provided by the STM32W108xx standard library
drivers. These APIs are summarized in the following table:
Table 8. STM32W108xx ADC driver overview
StdPeriph_Driver API
Functionality description
ADC_DeInit()
Deinitializes ADC peripheral registers to their default
reset values
ADC_Init()
Initializes the ADC peripheral according to the specified
parameters in the ADC_InitStruct
ADC_StructInit()
Fills each ADC_InitStruct member with its default value
ADC_Cmd(FunctionalState NewState)
Enables or disables the specified ADC peripheral
ADC_ChannelConfig(uint32_t
ADC_Channels)
Configures the ADC channels
ADC_DMA_ChannelLoadEnable(void)
Enables specified ADC DMA Channel
ADC_DMA_ChannelReset(void)
Resets specified ADC DMA
ADC_DMA_Config(uint32_t
ADC_DMABeg, uint32_t ADC_DMASize)
Selects the specified DMA configuration
ADC_DMA_GetNextAddress(void)
Gets the location that will be written next by the DMA
ADC_DMA_GetCounter(void)
Gets the number of 16-bit conversion results that have
been written to the buffer
ADC_ITConfig(uint32_t ADC_IT,
FunctionalState NewState)
Enables or disables the specified ADC interrupts
ADC_DMA_GetFlagStatus(uint32_t
ADC_DMA_FLAG)
Checks whether the specified ADC interrupt has
occurred or not
ADC_GetITStatus(uint32_t ADC_IT)
Checks whether the specified ADC pending interrupt
has occurred or not
ADC_ClearITPendingBit(uint32_t ADC_IT) Clears the ADC’s interrupt pending bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com