Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4433 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 8Page - STMicroelectronics AN4433 Datasheet HTML 9Page - STMicroelectronics AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics AN4433 Datasheet HTML 12Page - STMicroelectronics AN4433 Datasheet HTML 13Page - STMicroelectronics AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics AN4433 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Storing proprietary data in M24SR
AN4433
12/34
DocID025791 Rev 1
3
Storing proprietary data in M24SR
3.1
Beyond NDEF message
As seen in Section 2, memory area beyond NDEF message can be used to store data, apart
from standard NDEF data.
A Proprietary application using ST Proprietary ExtendedReadMemory command, can
access this area (read and write) for its own purpose.
Warning:
–
A non-proprietary application will not be aware about the use of this area.
–
If it has write access rights to the NDEF file, an application may corrupt the
proprietary data when writing an NDEF message.
3.2
Proprietary NDEF record
When defining NDEF format, NFC Forum thought about providing a way to store proprietary
data in a specific record of an NDEF message.
This is possible by using a record with:
•
TNF = “NFC Forum external type” (0x04)
•
Type refers to a proprietary domain, and associated application
For more details about the way to construct such a record, see docs [2]. and [4].
A commonly used example of a proprietary NDEF record, is the Android Application Record
(AAR): this record is intended to Android system, and stores the name of the preferred
application to execute, when this tag is read by an Android device.
An AAR has:
•
TNF = 0x04 (“NFC Forum external type”)
•
Type = “android.com:pkg”
•
Payload = package name of the application
For more information on AAR, refer to Android documentation.
See Appendix B for an example of NDEF proprietary record, in an NFC Forum Type 4 Tag.
3.3
Proprietary file
With the help of ST proprietary UpdateFileType command, a M24SR memory administrator
can turn the M24SR file into a Proprietary one (see Section 2.3)
Advantages:
–
Tag can be fully dedicated to proprietary data with immediate access to the data,
from the beginning of the file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com