Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4433 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics AN4433 Datasheet HTML 12Page - STMicroelectronics AN4433 Datasheet HTML 13Page - STMicroelectronics AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics AN4433 Datasheet HTML 16Page - STMicroelectronics AN4433 Datasheet HTML 17Page - STMicroelectronics AN4433 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Combining standard NDEF and proprietary data in M24SR
AN4433
14/34
DocID025791 Rev 1
4
Combining standard NDEF and proprietary data in
M24SR
4.1
Using an NDEF file and bytes beyond NDEF message
Configuration:
–
Standard NDEF data in NDEF message
–
Proprietary data in bytes “beyond NDEF message” see Section 3.2
Advantages:
–
NFC compliant
–
Supported by all common platforms (Android, WP)
–
“Fast” accessibility (read/write) to proprietary data, by memory addressing in
NDEF file
Drawbacks:
–
No isolation of the read/write access rights per data type
–
Proprietary data accessible only if the platform API allows proprietary commands
(not possible on Windows® Phone 8)
–
If third-party application has write access rights to NDEF file, proprietary data may
be corrupted.
Tip:
–
It is recommended to use this configuration, when NDEF file is set in Read only
for third-party application
–
A proprietary application may have suitable access rights to change the content of
the NDEF file (known write password).
4.2
Using an NDEF file with a proprietary NDEF record
Configuration:
–
Standard NDEF data in NDEF record
–
Proprietary data in NDEF proprietary record (see Section 3.2)
Advantages:
–
NFC compliant: NDEF data structure is still as specified by NFC Forum (see
Section 1.1)
–
Standard NDEF data can natively be read by all common platforms (Android™,
WP)
–
Proprietary data can be read and written by a proprietary application on all
common platforms (Android™, WP)
Drawbacks:
–
Accessibility to last record(s) may be slow, as there needs to parse all headers of
previous records, to identify the position of the expected one
–
No isolation of the read/write access rights per data type
–
An application shall take care of all records of the message, if dealing with only
one of these (as said in doc [3].)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com