Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4433 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 24Page - STMicroelectronics AN4433 Datasheet HTML 25Page - STMicroelectronics AN4433 Datasheet HTML 26Page - STMicroelectronics AN4433 Datasheet HTML 27Page - STMicroelectronics AN4433 Datasheet HTML 28Page - STMicroelectronics AN4433 Datasheet HTML 29Page - STMicroelectronics AN4433 Datasheet HTML 30Page - STMicroelectronics AN4433 Datasheet HTML 31Page - STMicroelectronics AN4433 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Example: NDEF file read sequence over I²C protocol
AN4433
28/34
DocID025791 Rev 1
Appendix C
Example: NDEF file read sequence over I²C
protocol
C.1
M24SRxx-Y tag configuration:
-
4 K-bit EEPROM size
-
NDEF file contains:
o
Record #1: URL http://www.st.com/nfc-rfid
Format of the below represented frames:
-
I²C specific bits sequences (Start, Stop, Ack)
-
I²C protocol bytes (Device Select)
-
ISODEP protocol bytes (PCB, CRC)
-
NFC Forum Type 4 Tag commands and responses (C-APDU, R-APDU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com