Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4433 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 13Page - STMicroelectronics AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics AN4433 Datasheet HTML 16Page - STMicroelectronics AN4433 Datasheet HTML 17Page - STMicroelectronics AN4433 Datasheet HTML 18Page - STMicroelectronics AN4433 Datasheet HTML 19Page - STMicroelectronics AN4433 Datasheet HTML 20Page - STMicroelectronics AN4433 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID025791 Rev 1
17/34
AN4433
Decision matrix
33
Table 1. Decision Matrix
Application environment
Memory configuration
NDEF data
Proprietary
data
Reader/Writer
Application
1 NDEF file
1
proprietary
file
1 NDEF file + beyond NDEF message
Yes in
Read/Write
No
RF or I²C proprietary
Proprietary
Android device
Standard
Proprietary
WP8 device
Standard
Proprietary
Yes in
Read/Write
Yes
RF or I²C proprietary
Proprietary
(1)
Android device
Standard
(1)
(2)
Proprietary
(1)
WP8 device
Standard
(1)
(2)
Proprietary
(1)
(2) (3)
Yes in
Read Only
Yes
RF or I²C proprietary
Proprietary
(1)
Android device
Standard
(1)
Proprietary
(1)
(4)
WP8 device
Standard
(1)
Proprietary
(1)
(3)
No (NDEF
area in
Read Only)
Yes
RF or I²C proprietary
Proprietary
(1)
Android device
Standard
(1)
(5)
Proprietary
(1)
(5)
WP8 device
Standard
(1)
Proprietary
(1)
(3)
Legend:
Compatible
Compatible with strong restrictions
Not applicable
1.
Proprietary data in proprietary NDEF record(s) (See Section 4.2)
2.
Proprietary data may be corrupted by overlapping write operation.
3.
Proprietary commands/files cannot be invoked/accessed in WP8 environment; access to NDEF data only
4.
Standard NDEF data writeable with proprietary application.
5.
Not NFC Forum compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com