Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 1 Page - Linear Technology

  LTC3549 Datasheet HTML 1Page - Linear Technology LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3549
1
3549f
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1k
3549 TA02
0
1
0.1
0.01
0.001
0.0001
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
POWER LOST
AT VIN = 2.5V
250mA Low VIN Buck
Regulator in 2mm × 3mm DFN
The LTC®3549 is a high efficiency, monolithic synchronous
buck regulator using a constant-frequency, current mode
architecture. The output voltage is adjusted via an external
resistor divider.
A fixed switching frequency of 2.25MHz is supported.
This switching frequency allows the use of small surface
mount inductors and capacitors, including ceramics.
Supply current during Burst Mode operation is only 50µA
dropping to < 1µA in shutdown. The 1.6V to 5.5V input
voltage range makes the LTC3549 ideally suited for single
cell Li-Ion, Li-Metal and 2-cell alkaline, NiCd or NiMH
battery-powered applications. 100% duty cycle capabil-
ity provides low dropout operation, extending battery
life in portable systems. Burst Mode operation can be
user-enabled, increasing efficiency at light loads, further
extending battery life.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Internal
soft-start offers controlled output voltage rise time at start-
up without the need for external components.
■
2 AA-Cell Applications
■
Cellular Phones
■
Digital Cameras
■
MP3 Players
■
1.6V to 5.5V Input Voltage Range
■
Internal Soft-Start
■
Low Ripple Burst Mode® Operation
Output Ripple: <20mVP-P
IQ: 50µA
■
2.25MHz Constant-Frequency Operation
■
High Efficiency: Up to 93%
■
250mA Output Current (VIN = 1.8V, VOUT = 1.2V)
■
450mA Peak Inductor Current
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.611V Reference Voltage
■
Stable with Ceramic Capacitors
■
Shutdown Mode Draws <1µA Supply Current
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
Overtemperature Protection
■
Available in a Low Profile (0.75mm) 6-Lead
(2mm x 3mm) DFN Package
High Efficiency Step-Down Converter
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131.
VIN
RUN
MODE
VFB
SW
GND
LTC3549
3.3
µH*
VOUT
1.5V
200k
4.7
µF
CER
*TDK VLF3012AT-3R3MR87
VIN
1.8V TO
5.5V
137k
3549 TA01
22pF
4.7
µF
CER
Burst Mode Efficiency, VOUT = 1.5V


Similar Part No. - LTC3549

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3549EDCB LINER-LTC3549EDCB Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LTC3549

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3245 LINER-LTC3245 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Linear Technology
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
Wide VIN 300mA Synchronous Buck Regulator
logo
Analog Devices
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com