Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology LTC3549 Datasheet HTML 11Page - Linear Technology LTC3549 Datasheet HTML 12Page - Linear Technology LTC3549 Datasheet HTML 13Page - Linear Technology LTC3549 Datasheet HTML 14Page - Linear Technology LTC3549 Datasheet HTML 15Page - Linear Technology LTC3549 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3549
13
3549f
APPLICATIO S I FOR ATIO
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3549. These items are also illustrated graphically
in the layout diagram of Figure 3. Check the following in
your layout.
1. Does the capacitor CIN connect to the power VIN (Pin 1)
and GND (Pins 2, 7) as close as possible? This capacitor
provides the AC current to the internal power MOSFETs
and their drivers.
2. Are the COUT and L1 closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground sense line
terminated near GND (Exposed Pad). The feedback
Figure 3a. Buck Regulator Top Layer
signals VFB should be routed away from noisy compo-
nents and traces, such as the SW line (Pin 3), and its
trace should be minimized.
4. Keep sensitive components away from the SW pins.
The input capacitor CIN and the resistors R1 and R2
should be routed away from the SW traces and the
inductors.
5. A ground plane is preferred, but if not available, keep
the signal and power grounds segregated with small
signal components returning to the GND pin at one
point. They should not share the high current path of
CIN or COUT.
6. Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. These copper areas should be connected
to VIN or GND.
Figure 3b. Buck Regulator Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com