Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3549
6
3549f
1
µs/DIV
VOUT
20mV/DIV
AC COUPLED
VSWITCH
2V/DIV
IL
100mA/DIV
3549 G19
VIN = 2.5V
VOUT = 1.2V
ILOAD = 2OmA
Load Step 0mA to 250mA
Pulse Skip
Load Step 25mA to 250mA
Pulse Skip
Burst Mode Operation
ILOAD = 20mA
Load Step 0mA to 250mA
Burst Mode Operation
Load Step 25mA to 250mA
Burst Mode Operation
TYPICAL PERFOR A CE CHARACTERISTICS
(From Typical Application on the front page, except for the resistive divider resistor values)
200
µs/DIV
VOUT
500mV/DIV
VRUN 1V/DIV
IL
50mA/DIV
3549 G16
VIN = 3.6V
VOUT = 1.2V
1k
Ω Load
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 G17
VIN = 2.2V
VOUT = 1.2V
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 G18
VIN = 2.2V
VOUT = 1.2V
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 G20
VIN = 2.2V
VOUT = 1.2V
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 G21
VIN = 2.2V
VOUT = 1.2V
Start-Up from Shutdown
Burst Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com