Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 4 Page - Linear Technology

  LTC3549 Datasheet HTML 1Page - Linear Technology LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3549
4
3549f
INPUT VOLTAGE (V)
30
90
100
20
10
80
50
70
60
40
3549 G03
0
1.5
2.5
3.5
4.5
5.5
0.1mA
1mA
IOUT:
10mA
100mA
300mA
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G04a
0
1
0.1
0.01
0.001
0.0001
1
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 3.6V
EFFICIENCY
POWER LOSS
L = 4.7
µH
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G04b
0
1
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
EFFICIENCY
L = 4.7
µH
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G05a
0
1
VIN = 1.6V
VIN = 2.5V
VIN = 3.1V
TEMPERATURE (ºC)
–50
0.6069
0.6090
0.6111
0.6132
–25
0
25
50
3549 G06
75
100
125
VIN = 1.6V
VIN = 2.2V
VIN = 4.2V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G05b
0
1
VIN = 1.6V
VIN = 2.5V
VIN = 3.1V
INPUT VOLTAGE (V)
30
90
100
20
10
80
50
70
60
40
3549 G02
0
1.5
2.5
3.5
4.5
5.5
0.1mA
1mA
10mA
100mA
300mA
IOUT:
Efficiency/Power Loss vs Load
Current, VOUT = 1.5V, Burst Mode
Efficiency/Power Loss vs Load
Current, VOUT = 1.5V, Pulse Skip
Efficiency vs Input Voltage
VOUT = 1.2V, Burst Mode Operation
Efficiency vs Input Voltage
VOUT = 1.2V, Pulse Skip
Efficiency vs Load Current
VOUT = 1.8V, Burst Mode
Efficiency vs Load Current
VOUT = 1.8V, Pulse Skip
TYPICAL PERFOR A CE CHARACTERISTICS
(From Typical Application on the front page, except for the resistive divider resistor values)
Efficiency vs Load Current
VOUT = 1.2V, Burst Mode
Efficiency vs Load Current
VOUT = 1.2V, Pulse Skip
Reference Voltage
vs Temperature
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G01a
0
1
0.1
0.01
0.001
0.0001
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
EFFICIENCY
POWER LOSS
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 G01b
0
1
0.1
0.01
0.001
0.0001
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
EFFICIENCY
POWER LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com