Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4539 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4539
Description  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4539 Datasheet HTML 9Page - STMicroelectronics AN4539 Datasheet HTML 10Page - STMicroelectronics AN4539 Datasheet HTML 11Page - STMicroelectronics AN4539 Datasheet HTML 12Page - STMicroelectronics AN4539 Datasheet HTML 13Page - STMicroelectronics AN4539 Datasheet HTML 14Page - STMicroelectronics AN4539 Datasheet HTML 15Page - STMicroelectronics AN4539 Datasheet HTML 16Page - STMicroelectronics AN4539 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID026506 Rev 1
13/33
AN4539
HRTIM operating principles basics
32
The Timer A generates two phase-shifted 33.333kHz PWMs with 25% duty cycle on TA1
and TA2, with the following conditions:
•
TA1: Set on TA Period, reset on TA CMP1
•
TA2: Set on TA CMP2, reset on TA CMP3
The timer A period is below the minimum frequency available at the highest resolution, as
shown in Table 2:
In this case, the frequency prescaler must be set to 4 and the period calculated as following:
PER = fHRCK / fPWM. Here, a frequency of 33.333 kHz is obtained by setting PER register
to (144MHz * 8) / 33.333kHz) = 34560d (0x8700).
Even though the duty cycle is not updated in this example, and to be close to a practical use
case, the register preload mechanism is enabled with the PREEN bit. The REP (repetition)
event triggers the transfer of the preload registers on each and every period beginning.
Note:
A delay can be noticed at the PWM start-up, between TA1/TA2 and TD1/TD2 waveform.
This delay is normal and due to the fact that the 1st update event (causing compare
registers to take their programmed value) occurs only after the 1st counting period is
elapsed. Should the waveforms be started without this delay, it is possible to force a register
update by software (using TASWU and TDSWU bits) to have all active compare registers
contents updated at once.
Table 2. Timer resolution and min PWM frequency for fHRTIM = 144 MHz
CKPSC[2:0]
Prescaling
ratio
fHRCK
equivalent frequency
Resolution
Minimum
PWM frequency
000
1
144x32 MHz = 4.608 GHz
217 ps
70.3 kHz
001
2
144x16 MHz = 2.304 GHz
434 ps
35.1 kHz
010
4
144x8 MHz = 1.152 GHz
868 ps
17.6 kHz
011
8
144x4 MHz = 576 MHz
1.73 ns
8.8 kHz
100
16
144x2 MHz = 288 MHz
3.47 ns
4.4 kHz
101
32
144MHz
6.95 ns
2.2 kHz
110
64
144/2 MHz = 72 MHz
13.88 ns
1.1 kHz
111
128
144/4 MHz = 36 MHz
27.7 ns
550 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com