Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4539 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4539
Description  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4539 Datasheet HTML 17Page - STMicroelectronics AN4539 Datasheet HTML 18Page - STMicroelectronics AN4539 Datasheet HTML 19Page - STMicroelectronics AN4539 Datasheet HTML 20Page - STMicroelectronics AN4539 Datasheet HTML 21Page - STMicroelectronics AN4539 Datasheet HTML 22Page - STMicroelectronics AN4539 Datasheet HTML 23Page - STMicroelectronics AN4539 Datasheet HTML 24Page - STMicroelectronics AN4539 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID026506 Rev 1
21/33
AN4539
Voltage mode dual buck converter
32
The duty cycle on TD2 is constant.
The ADC is configured to have conversions triggered in the middle of the ON time of each
output. The 2 conversions are done with the same ADC injected trigger (this is possible
since the 2 signals are not overlapping). The ADC is programmed in discontinuous injected
mode (1 conversion triggered on CMP3, another on CMP4).
The 2 conversions are done on the same input (PA4): TD1’s low-pass filtered PWM can be
connected to PA4 for monitoring ADC conversions with the debugger. For a real use case, it
is easy to reprogram the ADC to have the conversions done on each buck output voltage.
The FAULT1 input is enabled on PA12 (active low) to demonstrate PWM shut down (see
Section 4 for details). When the fault is triggered (PA12 input connected to GND), TD1
signal only is stopped. The system can be re-armed by pressing the user button.
LEDs are indicating the following:
•
Blue LED: blinks during normal operation;
•
Red LED: blinks when FAULT is triggered;
•
Orange LED: indicates the occurrence and duration of the PWM refresh ISR.
Demo code
The example code is provided in the HRTIM_DualBuck example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com