Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4539 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4539
Description  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4539 Datasheet HTML 19Page - STMicroelectronics AN4539 Datasheet HTML 20Page - STMicroelectronics AN4539 Datasheet HTML 21Page - STMicroelectronics AN4539 Datasheet HTML 22Page - STMicroelectronics AN4539 Datasheet HTML 23Page - STMicroelectronics AN4539 Datasheet HTML 24Page - STMicroelectronics AN4539 Datasheet HTML 25Page - STMicroelectronics AN4539 Datasheet HTML 26Page - STMicroelectronics AN4539 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID026506 Rev 1
23/33
AN4539
Voltage mode buck converter with synchronous rectification and fault protection
32
Figure 10. Buck operation with FAULT
Buck with synchronous rectification demo overview
The duty cycle on TA1 is continuously varied in an interrupt service routine generated on
repetition event, to mimic a real converter management. The FAULT1 input is enabled on
PA12 (active low) to demonstrate PWM shut down (low level sensitive), for both TA1 and
TA2.
When the fault is triggered (PA12 input connected to GND, TA1 and TA2 signals are shut-
down. The system can be re-armed by pressing the user button.
LEDs are indicating the following:
•
Blue LED: blinks during normal operation;
•
Red LED: blinks when FAULT is triggered;
•
Orange LED: indicates the occurrence and duration of the PWM update ISR.
The ADC is configured to have conversions triggered in the middle of the converter ON
time, on PA1 (Vin) and PA3 (Vout) inputs. To run the demo, the Vout input of the BUCK-
BOOST converter must be connected to the 5V_O supply. The resulting voltage is available
on Vout pin.
Note:
To have the Discovery kit’s BOOST stage bypassed, the PA11 pin must be forced at 1 (to
have the T6 PMOS switched ON).
Demo code
The example code is provided in the HRTIM_BuckSyncRect example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com