Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4539 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4539
Description  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4539 Datasheet HTML 1Page - STMicroelectronics AN4539 Datasheet HTML 2Page - STMicroelectronics AN4539 Datasheet HTML 3Page - STMicroelectronics AN4539 Datasheet HTML 4Page - STMicroelectronics AN4539 Datasheet HTML 5Page - STMicroelectronics AN4539 Datasheet HTML 6Page - STMicroelectronics AN4539 Datasheet HTML 7Page - STMicroelectronics AN4539 Datasheet HTML 8Page - STMicroelectronics AN4539 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DocID026506 Rev 1
5/33
AN4539
Getting the kitchen ready
32
1
Getting the kitchen ready
In this section, we’ll make sure to have all the necessary ingredients ready before starting,
so that we can concentrate on the HRTIM programming only.
The following documents are to be considered as reference:
•
STM32F334x4/x6/x8 Datasheet
•
STM32F334x4/x6/x8 Errata sheet
•
RM0364 Reference manual STM32F334xx advanced ARM®-based 32-bit MCUs
•
UM1733: Getting Started with STM32F334 Discovery Kit
•
UM1735: Discovery kit for STM32F3 series - with STM32F334C8 MCU
•
UM1736: Getting started with STM32F334 Discovery software development tools
•
AN4885: High brightness LED dimming using the STM32F3348 Discovery
A preliminary reading of the HRTIM chapter in the RM0364 will be useful.
1.1
Prerequisites
Before enjoying the flavors of the HRTIM, let’s list the prerequisites. It is expected from the
reader basic C programming skills and minimal experience on MCUs and development
environments, as well as a theoretical background on switched mode power supplies.
Control strategies and components dimensioning details are exceeding the scope of this
application note, they are available in a vast literature.
For the sake of simplicity, this cookbook only considers logic signals or analog voltages
conditioned to be directly handled by the MCU, so as to be voltage level agnostic. However
some references are made to external components interfacing and side effects from power
switchings, whenever the timer or MCU has some features to handle them.
Last, it is reminded that it is required to have power applications operated by skilled
technical personnel to avoid risks of electrical shocks, burns or even death, should the
STM32F334 and the HRTIM may be used in applications with hazardous voltage levels.
1.2
Hardware set-up
The STM32F334 Discovery board is a very affordable tool and is the best option to start
(and go on) experimenting with the HRTIM (order code: STM32F3348-DISCO). It includes
the programming interface and a USB cable is the only necessary additional material to
have the chip programmed and debugged. All I/Os are made available on 2.54 mm spaced
pins so that it can also be connected to a perfboard / stripboard / breadboard. The kit also
features two power converters: an inverted buck for LED drive and a low-voltage buck/boost
converter with independent inputs and outputs.
An oscilloscope is mandatory, eventually coupled with a logic analyzer for the configurations
where more than 4 channels must be monitored. To visualize the subtle high-resolution
steps, the oscilloscope has to have a sampling rate above 1GS/s at least with an option to
have interleaved acquisition so as to increase the timing accuracy above the 217ps timer
resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com