Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4630 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 3Page - STMicroelectronics AN4630 Datasheet HTML 4Page - STMicroelectronics AN4630 Datasheet HTML 5Page - STMicroelectronics AN4630 Datasheet HTML 6Page - STMicroelectronics AN4630 Datasheet HTML 7Page - STMicroelectronics AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics AN4630 Datasheet HTML 10Page - STMicroelectronics AN4630 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN4630
Reference schematics
Figure 4: CSP34 package, SMD discrete balun, DC-DC converter ON
Figure 5: CSP34 package, SMD discrete balun, DC-DC converter OFF
GAMSEC2014129-1030
U2
Applic ation MCU
C6
C18
L1
C21
C19
L2
C15
L6
C3
C20
L3
R1
C2
C16
L4
C5
C7
C10
XTAL2
C1
C12
L5
C4
XTAL1
C9
C8
C14
C17
U1
BlueN RG_W LCSP
C11
1.7 V to 3.6 V Power Supply
SPI_MOSI
SPI_CLK
SPI_I RQ
SPI_CS
SPI_MISO
SPI_MOSI
E2
SPI_CLK
E1
SPI_I RQ
D2
TEST1
D1
VBAT3
C1
TEST2
C2
TEST3
B1
TEST4
B2
VBAT1
D5
SXTAL0
E5
SXTAL1
E6
RF0
D6
RF1
C6
GND
C3
FXTAL0
B6
FXTAL1
A6
GAMSEC2014129-1106
L2
R1
C15
C19
XTAL2
C8
C5
L3
C12
C16
C17
L4
C4
C20
L5
C10
C21
C18
U1
BlueN RG_W LCSP
C9
U2
Applic ation MCU
L6
C14
C1
C6
C7
C11
C3
XTAL1
1.7 V to 3.6 V Power Supply
SPI_MOSI
E2
SPI_CLK
E1
SPI_I RQ
D2
TEST1
D1
VBAT3
C1
TEST2
C2
TEST3
B1
TEST4
B2
VBAT1
D5
SXTAL0
E5
SXTAL1
E6
RF0
D6
RF1
C6
GND
C3
FXTAL0
B6
FXTAL1
A6
SPI_MOSI
SPI_CLK
SPI_I RQ
SPI_CS
SPI_MISO
DocID027262 Rev 1
7/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com