Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4630 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 16Page - STMicroelectronics AN4630 Datasheet HTML 17Page - STMicroelectronics AN4630 Datasheet HTML 18Page - STMicroelectronics AN4630 Datasheet HTML 19Page - STMicroelectronics AN4630 Datasheet HTML 20Page - STMicroelectronics AN4630 Datasheet HTML 21Page - STMicroelectronics AN4630 Datasheet HTML 22Page - STMicroelectronics AN4630 Datasheet HTML 23Page - STMicroelectronics AN4630 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Design recommendations when using QFN32
package
AN4630
Figure 15: DC-DC converter layout zone
Particular care has to be taken in the placement of the supply voltage filtering capacitors. It
is, in fact, important to ensure efficient filtering placing these capacitors as close as
possible from their dedicated pins on the BlueNRG. The TX/RX part of the BlueNRG is a
very sensitive part. The discrete balun has to be placed as close as possible to the TX/RX
pins. The traces that connect the RF pins to the balun network (differential trace) should be
of equal length. If the two differential signals are unbalanced, common-mode issues can be
generated. The differential traces have to be routed firmly together. Differential receivers
are designed to be sensitive to the difference between a pair of inputs, but also to be
insensitive to a common-mode shift of those input. Therefore, if any external noise is
coupled equally into the differential traces, the receiver will be insensitive to this ( standard
mode coupled ) noise. More closely differential traces are routed together, more equal will
any coupled noise be on each trace, therefore better will be the rejection of the noise in the
circuit.The parallel inductors in the balun (and in general) should be mutually perpendicular
to avoid mutual couplings. If no perpendicular position is possible, turn away their
interposing capacitors or resistors.The interconnections between the elements are not
considered transmission lines because their lengths are much shorter than the wavelength
and, thus, their impedance is not critical. As results, their recommended width is smallest
possible. In this way, the parasitic capacitances to ground can be minimized.
20/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com