Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4630 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4630 Datasheet HTML 1Page - STMicroelectronics AN4630 Datasheet HTML 2Page - STMicroelectronics AN4630 Datasheet HTML 3Page - STMicroelectronics AN4630 Datasheet HTML 4Page - STMicroelectronics AN4630 Datasheet HTML 5Page - STMicroelectronics AN4630 Datasheet HTML 6Page - STMicroelectronics AN4630 Datasheet HTML 7Page - STMicroelectronics AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN4630
Reference schematics
1
Reference schematics
Different application boards have been developed to show the BlueNRG device
functionalities.
The schematics of the different application boards are reported in the following pictures and
refer to the various possible combinations:
•
QFN32 package, SMD discrete balun, DC-DC converter ON (Figure 1: "QFN32
package, SMD discrete balun, DC-DC converter ON");
•
QFN32 package, SMD discrete balun, DC-DC converter OFF (Figure 2: "QFN32
package, SMD discrete balun, DC-DC converter OFF");
•
QFN32 package, integrated balun , DC-DC converter ON (Figure 3: "QFN32 package,
integrated balun, DC-DC converter ON");
•
CSP34 package, SMD discrete balun, DC-DC converter ON (Figure 4: "CSP34
package, SMD discrete balun, DC-DC converter ON");
•
CSP34 package, SMD discrete balun, DC-DC converter OFF (Figure 5: "CSP34
package, SMD discrete balun, DC-DC converter OFF");
•
CSP34 package , integrated balun , DC-DC converter ON (Figure 6: "CSP34 package,
integrated balun, DC-DC converter ON");
All the layout guidelines described in the next sections are to be applied to all these
application boards.
Figure 1: QFN32 package, SMD discrete balun, DC-DC converter ON
R1
C17
C20
XTAL1
C9
C21
L6
C7
C10
C18
C13
C14
C8
C3
L5
C6
C12
C2
U1
BlueNRG
GNDPAD
L2
C11
L1
C15
C5
U2
Application MCU
L3
C19
C1
XTAL2
C4
C16
L4
1.7V to 3.6V Power Supply
SPI_MOSI
1
SPI_CLK
2
SPI_I RQ
3
TEST1
4
VB AT3
5
TEST2
6
TEST3
7
TEST4
8
VB AT1
24
SXTAL0
23
SXTAL1
22
RF0
21
RF1
20
VB AT2
19
FXTAL0
18
FXTAL1
17
SPI_MOSI
SPI_CLK
SPI_I RQ
SPI_CS
SPI_MISO
GAMSEC2014129-911
DocID027262 Rev 1
5/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com