Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4630 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 18Page - STMicroelectronics AN4630 Datasheet HTML 19Page - STMicroelectronics AN4630 Datasheet HTML 20Page - STMicroelectronics AN4630 Datasheet HTML 21Page - STMicroelectronics AN4630 Datasheet HTML 22Page - STMicroelectronics AN4630 Datasheet HTML 23Page - STMicroelectronics AN4630 Datasheet HTML 24Page - STMicroelectronics AN4630 Datasheet HTML 25Page - STMicroelectronics AN4630 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Design recommendations when using
WLCSP34 package
AN4630
5
Design recommendations when using WLCSP34
package
Design recommendations when using WLCSP34 package
The application board for the WLCSP34 package was designed in a four layers due the
more complexity to treat the CSP package. The print of the four layers is shown in Figure
17: "WLCSP34 four layers board".
Figure 17: WLCSP34 four layers board
A good ground connection is essential for the RF performances. This point is important for
all RF devices in all packages, but it is critical in a CSP package due to the reduced
dimension of the device. A good ground connection, that means low resistance between
the ground balls of the device and the ground layer, produces a low cross talk among
critical blocks that means RF performance not impacted.
The ground connection of the BlueNRG in WLCSP package on the TOP layer is shown in
Figure 18: "WLCSP34 ground connection (TOP layer view)". Laser vias are used to
connect TOP layer ground and INNER2 layer ground. The ground laser vias have to be put
under GND balls, under the GND_SMPS ball and under the unused balls.
In the TOP layer the GND_SMPS has to be kept separated from the GND.
22/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com