Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1770 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 17Page - STMicroelectronics UM1770 Datasheet HTML 18Page - STMicroelectronics UM1770 Datasheet HTML 19Page - STMicroelectronics UM1770 Datasheet HTML 20Page - STMicroelectronics UM1770 Datasheet HTML 21Page - STMicroelectronics UM1770 Datasheet HTML 22Page - STMicroelectronics UM1770 Datasheet HTML 23Page - STMicroelectronics UM1770 Datasheet HTML 24Page - STMicroelectronics UM1770 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DocID026385 Rev 2
21/56
UM1770
Profile – application interface functions
56
6
Profile – application interface functions
6.1
Heart rate profile
6.1.1
HRProfile_Init()
Description
The application calls this function to initialize the heart rate profile. The initialization
procedure returns BLE_STATUS_SUCCESS if started successfully or
BLE_STATUS_FAILED if not. On successful initialization of the profile, the application is
notified through the event EVT_HRS_INITIALIZED through the registered callback.
Parameters
• Feature support flag: the characteristic/feature mask supported by the heart rate profile
during initialization. The various characteristics mask supported by the profile are:
1.
BODY_SENSOR_LOCATION_SUPPORT_MASK
(0x01)
2.
ENERGY_EXTENDED_INFO_SUPPORT_MASK
(0x02)
• BLE_CALLBACK_FUNCTION_TYPE: the callback function to be registered by the heart
rate profile for notification/communication to the main BLE profile.
• Sensor location value: the Value for the body sensor location.
6.1.2
HR_Sensor_Make_Discoverable()
Description
This command puts the device into discoverable mode. BLE_STATUS_SUCCESS is
returned if the command to put the device into discoverable mode was issued successfully.
Parameters
• useBoundedDeviceList: set this flag to TRUE '1' if Profile needs to advertise to devices
already bonded; otherwise, set it to FALSE '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com