Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1770 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 45Page - STMicroelectronics UM1770 Datasheet HTML 46Page - STMicroelectronics UM1770 Datasheet HTML 47Page - STMicroelectronics UM1770 Datasheet HTML 48Page - STMicroelectronics UM1770 Datasheet HTML 49Page - STMicroelectronics UM1770 Datasheet HTML 50Page - STMicroelectronics UM1770 Datasheet HTML 51Page - STMicroelectronics UM1770 Datasheet HTML 52Page - STMicroelectronics UM1770 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DocID026385 Rev 2
49/56
UM1770
Profile – application interface functions
56
1.
record_status_flag: flag to identify the glucose database record status
2.
flags field: these flags define which data fields are present in the Characteristic value
a)
GLUCOSE_MEASUREMENT_FLAGS_TIME_OFFSET_IS_PRESENT
(0x01)
b)
GLUCOSE_MEASUREMENT_FLAGS_CONCENTRATION_IS_PRESENT (0x02)
c)
GLUCOSE_MEAUREMENTS_FLAG_MMOL_L_UNITS (0x04)
d)
GLUCOSE_MEASUREMENT_FLAGS_STATUS_ANNUNCIATION_IS_PRESENT
(0x08)
3.
sequenceNumber field: sequence number of the glucose measurement value
4.
tBasetime baseTime: time of the measurement
5.
timeOffset field: time component used to define the overall user-facing time
6.
glucoseConcentration: glucose concentration field (SFLOAT units of Kg or Liters)
7.
typeSampleLocation Field: measurement type and sample location information
type nibble:
a)
GLUCOSE_TYPE_CAPILLARY_WHOLE_BLOOD (0x1)
b)
GLUCOSE_TYPE_CAPILLARY_PLASMA (0x2)
c)
GLUCOSE_TYPE_VENOUS_WHOLE_BLOOD (0x3)
d)
GLUCOSE_TYPE_VENOUS_PLASMA (0x4)
e)
GLUCOSE_TYPE_ARTERIAL_WHOLE_BLOOD (0x5)
f)
GLUCOSE_TYPE_ARTERIAL_PLASMA (0x6)
g)
GLUCOSE_TYPE_UNDERTERMINED_WHOLE_BLOOD (0x7)
h)
GLUCOSE_TYPE_UNDERTERMINED_PLASMA (0x8)
i)
GLUCOSE_TYPE_INTERSISTIAL_FLUID (0x9)
j)
GLUCOSE_TYPE_CONTROL (0xA)
sampleLocation nibble:
a)
GLUCOSE_SAMPLE_LOCATION_FINGER (0x10)
b)
GLUCOSE_SAMPLE_LOCATION_AST (0x20)
c)
GLUCOSE_SAMPLE_LOCATION_EARLOBE (0x30)
d)
GLUCOSE_SAMPLE_LOCATION_CONTROL_SOLUTION (0x40)
e)
GLUCOSE_SAMPLE_LOCATION_VALUE_NOT_AVAILABLE (0xF0)
8.
sensorStatusAnnunciation field:
a)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_DEVICE_BATTERY_LOW
(0x0001)
b)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_SENSOR_MALFUNCTION
(0x0002)
c)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_SAMPLE_SIZE (0x0004)
d)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_STRIP_INSERTION_ERROR
(0x0008)
e)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_STRIP_TYPE_INCORRECT
(0x0010)
f)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_SENSOR_RESULT_TOO_HIGH
(0x0020)
g)
GLUCOSE_SENSOR_STATUS_ANNUNCIATION_SENSOR_RESULT_TOO_LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com