Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1770 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 19Page - STMicroelectronics UM1770 Datasheet HTML 20Page - STMicroelectronics UM1770 Datasheet HTML 21Page - STMicroelectronics UM1770 Datasheet HTML 22Page - STMicroelectronics UM1770 Datasheet HTML 23Page - STMicroelectronics UM1770 Datasheet HTML 24Page - STMicroelectronics UM1770 Datasheet HTML 25Page - STMicroelectronics UM1770 Datasheet HTML 26Page - STMicroelectronics UM1770 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
DocID026385 Rev 2
23/56
UM1770
Profile – application interface functions
56
Parameters
• bdsValue: The position of the body sensor location. The valid sensor location values are:
BODY_SENSOR_LOCATION_OTHER
(0x00)
BODY_SENSOR_LOCATION_CHEST
(0x01)
BODY_SENSOR_LOCATION_WRIST
(0x02)
BODY_SENSOR_LOCATION_FINGER
(0x03)
BODY_SENSOR_LOCATION_HAND
(0x04)
BODY_SENSOR_LOCATION_EAR_LOBE
(0x05)
BODY_SENSOR_LOCATION_FOOT
(0x06)
6.1.6
HRProfile_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None
6.2
Find me profile
Find me – Target
6.2.1
FindMeTarget_Init()
Description
The application calls this function to initialize the find me target profile. The initialization
procedure returns BLE_STATUS_SUCCESS if started successfully or
BLE_STATUS_FAILED if not. The application is notified of successful initialization of the
profile by the event EVT_FMT_INITIALIZED through the registered callback.
Parameters
• BLE_CALLBACK_FUNCTION_TYPE: the callback through which the application is
notified of events by the find me.
6.2.2
FMT_Advertize()
Description
The command puts the device into discoverable mode. BLE_STATUS_SUCCESS is
returned if the command to put the device into discoverable mode was issued successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com