Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1770 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 35Page - STMicroelectronics UM1770 Datasheet HTML 36Page - STMicroelectronics UM1770 Datasheet HTML 37Page - STMicroelectronics UM1770 Datasheet HTML 38Page - STMicroelectronics UM1770 Datasheet HTML 39Page - STMicroelectronics UM1770 Datasheet HTML 40Page - STMicroelectronics UM1770 Datasheet HTML 41Page - STMicroelectronics UM1770 Datasheet HTML 42Page - STMicroelectronics UM1770 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
DocID026385 Rev 2
39/56
UM1770
Profile – application interface functions
56
6.7.6
PAC_Read_RingerSetting()
Description
When this function is called by the application, the profile starts a GATT procedure to read
the characteristic value. The value read is returned via the event
EVT_PAC_RINGER_SETTING to the application.
6.7.7
PACProfile_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None
6.8
Time profile
Time profile – Client
6.8.1
TimeClient_Init()
Description
Initializes the time profile in client role. The application is notified through the event
EVT_TC_INITIALIZED on successful initialization.
Parameters
1.
BLE_CALLBACK_FUNCTION_TYPE – callback function to be called by the profile to
notify the application of the events.
6.8.2
TimeClient_Make_Discoverable()
Description
The command puts the device into discoverable mode. BLE_STATUS_SUCCESS is
returned if the command to put the device into discoverable mode was issued successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com