Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1160CS Datasheet HTML 6Page - Linear Technology LT1160CS Datasheet HTML 7Page - Linear Technology LT1160CS Datasheet HTML 8Page - Linear Technology LT1160CS Datasheet HTML 9Page - Linear Technology LT1160CS Datasheet HTML 10Page - Linear Technology LT1160CS Datasheet HTML 11Page - Linear Technology LT1160CS Datasheet HTML 12Page - Linear Technology LT1160CS Datasheet HTML 13Page - Linear Technology LT1160CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1160/LT1162
APPLICATIONS INFORMATION
The actual increase in supply current is slightly higher due
to LT1160 switching losses and the fact that the gates are
being charged to more than 10V. Supply Current vs
Input Frequency is given in the Typical Performance
Characteristics.
The LT1160 junction temperature can be estimated by
using the equations given in Note 2 of the Electrical
Characteristics. For example, the LT1160IS is limited to
less than 31mA from a 12V supply:
TJ = 85°C + (31mA)(12V)(110°C/W)
= 126
°C exceeds absolute maximum
In order to prevent the maximum junction temperature
from being exceeded, the LT1160 supply current must be
verified while driving the full complement of the chosen
MOSFET type at the maximum switching frequency.
Ugly Transient Issues
In PWM applications the drain current of the top MOSFET
is a square wave at the input frequency and duty cycle. To
prevent large voltage transients at the top drain, a low ESR
electrolytic capacitor must be used and returned to the
power ground. The capacitor is generally in the range of
25
µF to 5000µF and must be physically sized for the RMS
current flowing in the drain to prevent heating and prema-
ture failure. In addition, the LT1160 requires a separate
10
µF capacitor connected closely between Pins 1 and 5
(the LT1162 requires two 10
µF capacitors connected
between Pins 1 and 5, and Pins 7 and 11).
The LT1160 top source is internally protected against
transients below ground and above supply. However, the
gate drive pins cannot be forced below ground. In most
applications, negative transients coupled from the source
to the gate of the top MOSFET do not cause any problems.
Switching Regulator Applications
The LT1160 (or 1/2 LT1162) is ideal as a synchronous
switch driver to improve the efficiency of step-down
(buck) switching regulators. Most step-down regulators
use a high current Schottky diode to conduct the inductor
current when the switch is off. The fractions of the oscil-
lator period that the switch is on (switch conducting) and
off (diode conducting) are given by:
Switch
Total Period
Switch
Total Period
ON =
V
HV
OFF =
HV – V
HV
OUT
OUT

()

()
Note that for HV > 2VOUT the switch is off longer than it is
on, making the diode losses more significant than the
switch. The worst case for the diode is during a short
circuit, when VOUT approaches zero and the diode con-
ducts the short-circuit current almost continuously.
Figure 2 shows the LT1160 used to synchronously drive a
pair of power MOSFETs in a step-down regulator applica-
tion, where the top MOSFET is the switch and the bottom
MOSFET replaces the Schottky diode. Since both conduc-
tion paths have low losses, this approach can result in very
high efficiency (90% to 95%) in most applications. For
regulators under 10A, using low RDS(ON) N-channel
MOSFETs eliminates the need for heat sinks. RGS holds the
top MOSFET off when HV is applied before the 12V supply.
One fundamental difference in the operation of a step-
down regulator with synchronous switching is that it never
becomes discontinuous at light loads. The inductor cur-
rent doesn’t stop ramping down when it reaches zero but
actually reverses polarity resulting in a constant ripple
current independent of load. This does not cause a signifi-
cant efficiency loss (as might be expected) since the
negative inductor current is returned to HV when the
switch turns back on. However, I2R losses will occur
under these conditions due to the recirculating currents.
The LT1160 performs the synchronous MOSFET drive in a
step-down switching regulator. A reference and PWM are
required to complete the regulator. Any voltage mode or
current mode PWM controller may be used but the LT3526
is particularly well-suited to high power, high efficiency
applications such as the 10A circuit shown in Figure 4. In
higher current regulators a small Schottky diode across the
bottom MOSFET helps to reduce reverse-recovery switching
losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com