Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1160CS Datasheet HTML 2Page - Linear Technology LT1160CS Datasheet HTML 3Page - Linear Technology LT1160CS Datasheet HTML 4Page - Linear Technology LT1160CS Datasheet HTML 5Page - Linear Technology LT1160CS Datasheet HTML 6Page - Linear Technology LT1160CS Datasheet HTML 7Page - Linear Technology LT1160CS Datasheet HTML 8Page - Linear Technology LT1160CS Datasheet HTML 9Page - Linear Technology LT1160CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1160/LT1162
PIN FUNCTIONS
LT1162
SV+ (Pins 1, 7): Main Signal Supply. Must be closely
decoupled to ground Pins 5 and 11.
IN TOP (Pins 2, 8): Top Driver Input. The Input Top is
disabled when the Input Bottom is high. A 3k input resistor
followed by a 5V internal clamp prevents saturation of the
input transistors.
IN BOTTOM (Pins 3, 9): Bottom Driver Input. The Input
Bottom is disabled when the Input Top is high. A 3k input
resistor followed by a 5V internal clamp prevents satura-
tion of the input transistors.
UV OUT (Pins 4, 10): Undervoltage Output. Open collector
NPN output which turns on when V+ drops below the
undervoltage threshold.
GND (Pins 5, 11): Ground Connection.
B GATE FB (Pins 6, 12): Bottom Gate Feedback. Must
connect directly to the bottom power MOSFET gate. The
top MOSFET turn-on is inhibited until Bottom Gate Feed-
back pins have discharged to below 2.5V.
B GATE DR (Pins 13, 19): Bottom Gate Drive. The high
current drive point for the bottom MOSFET. When a gate
resistor is used it is inserted between the Bottom Gate
Drive pin and the gate of the MOSFET.
PV+ (Pins 14, 20): Bottom Driver Supply. Must be con-
nected to the same supply as Pins 1 and 7.
T SOURCE (Pins 15, 21): Top Driver Return. Connects to
the top MOSFET source and the low side of the bootstrap
capacitor.
T GATE FB (Pins 16, 22): Top Gate Feedback. Must
connect directly to the top power MOSFET gate. The
bottom MOSFET turn-on is inhibited until VTGF– VTSOURCE
has discharged to below 2.9V.
T GATE DR (Pins 17, 23): Top Gate Drive. The high current
drive point for the top MOSFET. When a gate resistor is
used it is inserted between the Top Gate Drive pin and the
gate of the MOSFET.
BOOST (Pins 18, 24): Top Driver Supply. Connects to the
high side of the bootstrap capacitor.
LT1160
SV+(Pin 1): Main Signal Supply. Must be closely decoupled
to the signal ground Pin 5.
IN TOP (Pin 2): Top Driver Input. Pin 2 is disabled when Pin
3 is high. A 3k input resistor followed by a 5V internal
clamp prevents saturation of the input transistors.
IN BOTTOM (Pin 3): Bottom Driver Input. Pin 3 is disabled
when Pin 2 is high. A 3k input resistor followed by a 5V
internal clamp prevents saturation of the input transistors.
UV OUT (Pin 4): Undervoltage Output. Open collector NPN
output which turns on when V + drops below the
undervoltage threshold.
SGND (Pin 5): Small Signal Ground. Must be routed
separately from other grounds to the system ground.
PGND (Pin 6): Bottom Driver Power Ground. Connects to
source of bottom N-channel MOSFET.
B GATE FB (Pin 8): Bottom Gate Feedback. Must connect
directly to the bottom power MOSFET gate. The top
MOSFET turn-on is inhibited until Pin 8 has discharged to
below 2.5V.
B GATE DR (Pin 9): Bottom Gate Drive. The high current
drive point for the bottom MOSFET. When a gate resistor
is used it is inserted between Pin 9 and the gate of the
MOSFET.
PV+ (Pin 10): Bottom Driver Supply. Must be connected to
the same supply as Pin 1.
T SOURCE (Pin 11): Top Driver Return. Connects to the
top MOSFET source and the low side of the bootstrap
capacitor.
T GATE FB (Pin 12): Top Gate Feedback. Must connect
directly to the top power MOSFET gate. The bottom
MOSFET turn-on is inhibited until V12– V11has discharged
to below 2.9V.
T GATE DR (Pin 13): Top Gate Drive. The high current drive
point for the top MOSFET. When a gate resistor is used it
is inserted between Pin 13 and the gate of the MOSFET.
BOOST (Pin 14): Top Driver Supply. Connects to the high
side of the bootstrap capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com