Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160CS Datasheet(HTML) 3 Page - Linear Technology

  LT1160CS Datasheet HTML 1Page - Linear Technology LT1160CS Datasheet HTML 2Page - Linear Technology LT1160CS Datasheet HTML 3Page - Linear Technology LT1160CS Datasheet HTML 4Page - Linear Technology LT1160CS Datasheet HTML 5Page - Linear Technology LT1160CS Datasheet HTML 6Page - Linear Technology LT1160CS Datasheet HTML 7Page - Linear Technology LT1160CS Datasheet HTML 8Page - Linear Technology LT1160CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1160/LT1162
IUVOUT
Undervoltage Output Leakage
V + = 15V
q
0.1
5
µA
VUVOUT
Undervoltage Output Saturation
V + = 7.5V, IUVOUT = 2.5mA
q
0.2
0.4
V
VOH
Top Gate ON Voltage
VINTOP = 2V, VINBOTTOM = 0.8V
q
11
11.3
12
V
Bottom Gate ON Voltage
VINTOP = 0.8V, VINBOTTOM = 2V
q
11
11.3
12
V
VOL
Top Gate OFF Voltage
VINTOP = 0.8V, VINBOTTOM = 2V
q
0.4
0.7
V
Bottom Gate OFF Voltage
VINTOP = 2V, VINBOTTOM = 0.8V
q
0.4
0.7
V
tr
Top Gate Rise Time
VINTOP (+) Transition, VINBOTTOM = 0.8V,
q
130
200
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Rise Time
VINBOTTOM (+) Transition, VINTOP = 0.8V,
q
90
200
ns
Measured at VBGATE DR (Note 4)
tf
Top Gate Fall Time
VINTOP (–) Transition, VINBOTTOM = 0.8V,
q
60
140
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Fall Time
VINBOTTOM (–) Transition, VINTOP = 0.8V,
q
60
140
ns
Measured at VBGATE DR (Note 4)
tD1
Top Gate Turn-On Delay
VINTOP (+) Transition, VINBOTTOM = 0.8V,
q
250
500
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Turn-On Delay
VINBOTTOM (+) Transition, VINTOP = 0.8V,
q
200
400
ns
Measured at VBGATE DR (Note 4)
tD2
Top Gate Turn-Off Delay
VINTOP (–) Transition, VINBOTTOM = 0.8V,
q
300
600
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Turn-Off Delay
VINBOTTOM (–) Transition, VINTOP = 0.8V,
q
200
400
ns
Measured at VBGATE DR (Note 4)
tD3
Top Gate Lockout Delay
VINBOTTOM (+) Transition, VINTOP = 2V,
q
300
600
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Lockout Delay
VINTOP (+) Transition, VINBOTTOM = 2V,
q
250
500
ns
Measured at VBGATE DR (Note 4)
tD4
Top Gate Release Delay
VINBOTTOM (–) Transition, VINTOP = 2V,
q
250
500
ns
Measured at VTGATE DR (Note 4)
Bottom Gate Release Delay
VINTOP (–) Transition, VINBOTTOM = 2V,
q
200
400
ns
Measured at VBGATE DR (Note 4)
Test Circuit, TA = 25°C, V
+ = VBOOST = 12V, VTSOURCE = 0V, CGATE = 3000pF.
Gate Feedback pins connected to Gate Drive pins, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: For the LT1160, Pins 1, 10 should be connected together. For the
LT1162, Pins 1, 7, 14, 20 should be connected together.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1160CN/LT1160IN: TJ = TA + (PD)(70°C/W)
LT1160CS/LT1160IS: TJ = TA + (PD)(110°C/W)
LT1162CN/LT1162IN: TJ = TA + (PD)(58°C/W)
LT1162CS/LT1162IS: TJ = TA + (PD)(80°C/W)
Note 3: IS is the sum of currents through SV
+, PV+ and Boost pins.
IBOOST is the current through the Boost pin. Dynamic supply current is
higher due to the gate charge being delivered at the switching frequency.
See Typical Performance Characteristics and Applications Information
sections. The LT1160 = 1/2 LT1162.
Note 4: See Timing Diagram. Gate rise times are measured from 2V to 10V
and fall times are measured from 10V to 2V. Delay times are measured
from the input transition to when the gate voltage has risen to 2V or
decreased to 10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com